Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXC1100 Datasheet(PDF) 45 Page - Intel Corporation

Part # IXC1100
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXC1100 Datasheet(HTML) 45 Page - Intel Corporation

Back Button IXC1100 Datasheet HTML 41Page - Intel Corporation IXC1100 Datasheet HTML 42Page - Intel Corporation IXC1100 Datasheet HTML 43Page - Intel Corporation IXC1100 Datasheet HTML 44Page - Intel Corporation IXC1100 Datasheet HTML 45Page - Intel Corporation IXC1100 Datasheet HTML 46Page - Intel Corporation IXC1100 Datasheet HTML 47Page - Intel Corporation IXC1100 Datasheet HTML 48Page - Intel Corporation IXC1100 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
45
Table 13.
UART Interfaces
Name
Power
On
Reset1
Reset2
Type†
Description
RXDATA0
Z
VI
I
UART serial data input to High-Speed UART Pins.
Should be pulled low through a 10-K
Ω resistor when not being
utilized in the system.
TXDATA0
Z
VO
O
UART serial data output. The TXD signal is set to the MARKING
(logic 1) state upon a reset operation. High-Speed Serial UART Pins.
CTS0_N
H
VI/PE
I
UART CLEAR-TO-SEND input to High-Speed UART Pins.
When logic 0, this pin indicates that the modem or data set
connected to the UART interface of the processor is ready to
exchange data. The CTS_N signal is a modem status input whose
condition can be tested by the processor.
Should be pulled high through a 10-K
Ω resistor when not being
utilized in the system.
RTS0_N
H
VO/PE
O
UART REQUEST-TO-SEND output:
When logic 0, this informs the modem or the data set connected to
the UART interface of the processor that the UART is ready to
exchange data. A reset sets the request to send signal to logic 1.
LOOP-mode operation holds this signal in its inactive state (logic 1).
High-Speed UART Pins.
RXDATA1
Z
VI
I
UART serial data input.
Should be pulled low through a 10-K
Ω resistor when not being
utilized in the system.
TXDATA1
Z
VO
O
UART serial data output. The TXD signal is set to the MARKING
(logic 1) state upon a Reset operation. Console UART Pins.
CTS1_N
H
VI/PE
I
UART CLEAR-TO-SEND input to Console UART pins.
When logic 0, this pin indicates that the modem or data set
connected to the UART interface of the processor is ready to
exchange data. The CTS_N signal is a modem status input whose
condition can be tested by the processor.
Should be pulled high through a 10-K
Ω resistor when not being
utilized in the system.
RTS1_N
H
VO/PE
O
UART REQUEST-TO-SEND output:
When logic 0, this informs the modem or the data set connected to
the UART interface of the processor that the UART is ready to
exchange data. A reset sets the request to send signal to logic 1.
LOOP-mode operation holds this signal in its inactive state (logic 1).
Console UART Pins.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com