Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-TSDF Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # PS-TSDF
Description  FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-TSDF Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  PS-TSDF Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-TSDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
TSDF SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
PRODUCT DESCRIPTION
The flexible multi-point duct average temperature
sensor utilizes several precision sensors spaced at
equal distances. The probe is FT-6 rated plenum
cable and is available in various lengths. All probes
are constructed to provide excellent heat transfer
and a fast response.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The flex-duct average probes are installed through
a hole in the side of the duct to monitor an average
temperature within the duct. Select a probe length
that allows for criss-crossing the duct multiple
times. Install the probes in a straight section of
duct at a suitable distance downstream from any
heating, cooling, or humidification devices. The
cable probe needs to be fastened onto hangers
using tube clamps or wire ties and should be
secured every 100 cm or 3’ maximum to prevent
movement of the wire and prevent wear. If
sensor is to be used in high velocity or vibration
environment use of rigid style duct probe is
recommended.
The enclosure provides mounting tabs for ease of
installation.
SENSOR TYPE
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
FT-6 rated plenum cable, 22 AWG
STANDARD LENGTHS
1800, 3600, 6100, 7300mm
(6’, 12’, 20’, 24’)
ENCLOSURE
ABS, UL94-V0, IP65 (NEMA 4X)
C: includes terminal block
E: same as C, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
A: pigtail, 2 or 3 wire
C & E: terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
52.0 mm
2.05"
76.2 mm
3.00"
0.5” NPT
Foam Gasket
304 Series S/S Probe
Various Probe Lengths
See Ordering Chart
FT-6 Plenum Rated Cable


Similar Part No. - PS-TSDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-TSDC GREYSTONE-PS-TSDC Datasheet
378Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDR GREYSTONE-PS-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
More results

Similar Description - PS-TSDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-TNDC GREYSTONE-PS-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
PS-TNDR GREYSTONE-PS-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PS-TSDC GREYSTONE-PS-TSDC Datasheet
378Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDR GREYSTONE-PS-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
TDDF GREYSTONE-TDDF Datasheet
204Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TNDC GREYSTONE-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
TNDF GREYSTONE-TNDF Datasheet
452Kb / 2P
FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TXDC GREYSTONE-TXDC Datasheet
383Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com