Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1850F Datasheet(PDF) 3 Page - Belden Inc.

Part # 1850F
Description  Audio Snake Cable, 16 Pr #24 Str TC, Indiv. Shielded and Jacketed, O/A Foil,Flexible PVC Jkt, CMG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1850F Datasheet(HTML) 3 Page - Belden Inc.

  1850F Datasheet HTML 1Page - Belden Inc. 1850F Datasheet HTML 2Page - Belden Inc. 1850F Datasheet HTML 3Page - Belden Inc. 1850F Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11.29 MHz
2.2 dB/100ft
12.288 MHz
2.3 dB/100ft
24.576 MHz
3.1 dB/100ft
Delay
Nominal Velocity of Propagation (VP) [%]
76%
High Frequency
Frequency [MHz]
0.384 MHz
0.706 MHz
0.768 MHz
1.024 MHz
1.411 MHz
1.536 MHz
2.048 MHz
2.822 MHz
3.072 MHz
4.096 MHz
5.645 MHz
6.144 MHz
8.192 MHz
11.29 MHz
12.288 MHz
24.576 MHz
Current
Max. Recommended Current [A]
2.75 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
UL Temp Rating:
60°C
Operating Temperature Range:
-30°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
367 lbs/1000ft
Max. Pull Tension:
264 lbs
Min. Bend Radius/Minor Axis:
9.5 in
Standards
NEC/(UL) Compliance:
CMG
CEC/C(UL) Compliance:
CMG
CPR Euroclass:
Eca
Other Specification:
AES/EBU
Applicable Environmental and Other Programs
Environmental Space:
Indoor (Not Riser or Plenum)
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS
2):
Yes
EU Directive 2012/19/EU
(WEEE):
Yes
EU Directive 2015/863/EU
(RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com