Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEC2002 Datasheet(PDF) 1 Page - Sanken electric

Part # SEC2002
Description  3x2.5 Bicolor Surface Mount LED (Flat Lens)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEC2002 Datasheet(HTML) 1 Page - Sanken electric

  SEC2002 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
52
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
3
×2.5 Bicolor Surface Mount LED (Flat Lens)
SEC2002 Series
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
70
f=1kHz, tw
≤100
µs
VR
V4
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
Tolerance:
±0.3
(Unit: mm)
2.0
1.7
2.0
1.7
2.0
1.9
2.0
1.9
2.0
1.9
2.0
2.0
2.0
2.0
SEC2762C-YG
SEC2462C
SEC2422C
SEC2492C
SEC2592C
SEC2442C
SEC2552C
Electrical Optical characteristics (Ta=25
°C)
2.5
2.2
2.5
2.2
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Yellow
Green
Green
Red
Green
Orange
Pure green
Orange
Green
Green
Pure green
Pure green
10
10
10
10
10
10
10
10
10
10
10
10
10
10
4
4
4
4
4
4
4
4
4
4
4
4
4
4
20
20
20
20
20
10
20
10
5.0
10
20
20
5.0
5.0
20
20
20
20
20
20
20
20
20
20
20
20
20
20
570
660
560
660
560
630
560
587
555
587
560
560
555
555
30
30
20
30
20
35
20
33
20
33
20
20
20
20
GaP
GaAlAs
GaP
GaAlAs
GaP
GaAsP
GaP
GaAsP
GaP
GaAsP
GaP
GaP
GaP
GaP
100
100
100
100
100
100
100
100
100
100
100
100
100
100
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
SEC2002Series
Clear
Clear
Clear
Clear
Clear
Clear
Clear
2.5
1.5
1.4
±0.1
0.9
0.6
±0.1
P.C.B.
Anode
Cathode
Cathode
mark
0.9
(0.5)
Resin
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
A
B
A
B
A
B
A
B
A
B
A
B
A
B
AB
Internal wiring
diagram
High-
intensity red
High-
intensity red


Similar Part No. - SEC2002

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC2004 SANKEN-SEC2004 Datasheet
28Kb / 1P
3x2.5 Bicolor Surface Mount LED (Inner Lens)
SEC2004 SANKEN-SEC2004 Datasheet
429Kb / 2P
3.0 횞 2.5 Surface Mount LEDs with Two Elements (Inner Lens Type)
SEC2004 SANKEN-SEC2004_08 Datasheet
429Kb / 2P
3.0 횞 2.5 Surface Mount LEDs with Two Elements (Inner Lens Type)
More results

Similar Description - SEC2002

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QTLP282-2 QT-QTLP282-2 Datasheet
328Kb / 4P
SURFACE MOUNT LED LAMP FLAT TYPE
logo
Agilent(Hewlett-Packard...
HSMF-C655 HP-HSMF-C655 Datasheet
193Kb / 8P
Bicolor Surface Mount Chip LEDs
logo
Sanken electric
SEC1001 SANKEN-SEC1001 Datasheet
24Kb / 1P
3x1.5 Surface Mount LED (Flat Lens)
SEC1003 SANKEN-SEC1003 Datasheet
24Kb / 1P
3x1.5 Surface Mount LED (Inner Lens)
SEC2004 SANKEN-SEC2004 Datasheet
28Kb / 1P
3x2.5 Bicolor Surface Mount LED (Inner Lens)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
logo
Visual Communications C...
CMDA20 VCC-CMDA20 Datasheet
748Kb / 1P
Bicolor Surface Mount LED
logo
LUMEX INC.
SSL-LX305F4GYW LUMEX-SSL-LX305F4GYW Datasheet
50Kb / 1P
T-3mm LED BICOLOR GREEN/YELLOW DIFFUSED LENS
SSL-LX5099GIW-CA LUMEX-SSL-LX5099GIW-CA Datasheet
42Kb / 1P
T-5mm LED, GREEN/RED BICOLOR LENS
SSL-LX5099YGC LUMEX-SSL-LX5099YGC Datasheet
88Kb / 1P
T-5mm 585mm YELLOW BICOLOR LED WATER CLEAR LENS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com