Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1623L5 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC1623L5
Description  NPN Silicon Epitaxial Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC1623L5 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC1623L5 Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC1623
NPN Silicon
Epitaxial Transistors
Features
•
High DC Current Gain: hFE=200 TYP.(VCE=6.0V, IC=1.0mA)
•
High voltage: VCEO=50V
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
100
mA
PC
Collector power dissipation
200
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
ICBO
Collector Cutoff Current
(VCB=60Vdc,IE=0)
---
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hF
DC Current Gain*
(IC=1.0mAdc, VCE=6.0Vdc)
90
200
600
---
VCE(sat)
Collector Saturation Voltage*
(IC=100mAdc, IB=10mAdc)
---
0.15
0.3
Vdc
VBE(SAT)
Base Saturation Voltage*
(IC=100mAdc,IB=10mAdc)
---
0.86
1.0
Vdc
VBE
Base Emitter Voltage*
(VCE=6.0Vdc, IC=1.0mAdc)
0.55
0.62
0.65
Vdc
Cob
Collector Capacitance
(VCB=6.0Vdc, IE=0, f=1.0MHz)
---
3.0
---
pF
fT
Gain Bandwidth product
(VCE=6.0Vdc, IE=10mAdc)
---
250
---
MHz
hFE CLASSIFICATION
Marking
L4
L5
L6
L7
hFE
90-180
135-270
200-400
300-600
* Pulse Test PW<350us, duty cycle<2%
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
www.mccsemi.com
Revision: 2
2003/04/30
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC


Similar Part No. - 2SC1623L5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC1623L-X-AE3-R UTC-2SC1623L-X-AE3-R Datasheet
120Kb / 2P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD
More results

Similar Description - 2SC1623L5

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com