Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABAV19WS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAV19WS-HF
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAV19WS-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAV19WS-HF Datasheet HTML 1Page - Comchip Technology ABAV19WS-HF Datasheet HTML 2Page - Comchip Technology ABAV19WS-HF Datasheet HTML 3Page - Comchip Technology ABAV19WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Reverse current
Symbol
Conditions
Max
Unit
VR = 100V
IR
μA
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
Rating and Characteristic Curves (ABAV19WS-HF Thru. ABAV21WS-HF)
Reverse recovery time
Diode capacitance
trr
CD
pF
nS
0.1
50
5
Forward voltage
IF = 100mA
VF
V
1.25
1.0
IF = 200mA
IF = 30mA, Irr = 0.1IR, RL = 100Ω
VR = VF = 0V, f = 1MHz
Reverse voltage
IR = 100µA
VR
100
V
Min
Small Signal Switching Diodes
150
200
ABAV19WS-HF
ABAV20WS-HF
ABAV21WS-HF
ABAV19WS-HF
ABAV20WS-HF
ABAV21WS-HF
VR = 150V
VR = 200V
Fig.1 - Power Dissipation Characteristics
Ambient Temperature, Ta (°C)
Fig.2 - Capacitance Characteristics
0
20
8
16
0
0
0.6
1.6
0
25
150
50
75
100
200
100
125
Reverse Voltage, VR (V)
4
12
0.2
0.8
0.4
1
1.2
1.4
250
150
50
300
Ta=25°C
f=1MHz
Fig.3 - Forward Characteristics
Forward Voltage, VF (mV)
Fig.4 - Reverse Characteristics
Percent Rated Peak Reverse Voltage, (%)
0
100
0.01
1
10
1
200
400
800
1200
0.1
0.1
1000
600
0.01
0.001
20
40
60
80
Ta=25°C
Ta=125°C
Ta=75°C
Ta=75°C
Ta=25°C
Ta=125°C
AQW-J0012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com