Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX671R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX671R
Description  Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX671R Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX671R Datasheet HTML 1Page - Omron Electronics LLC EE-SX671R Datasheet HTML 2Page - Omron Electronics LLC EE-SX671R Datasheet HTML 3Page - Omron Electronics LLC EE-SX671R Datasheet HTML 4Page - Omron Electronics LLC EE-SX671R Datasheet HTML 5Page - Omron Electronics LLC EE-SX671R Datasheet HTML 6Page - Omron Electronics LLC EE-SX671R Datasheet HTML 7Page - Omron Electronics LLC EE-SX671R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EE-SX670/671/672/673/674A/R
EE-SX670/671/672/673/674A/R
Ordering Information Table -- continued from previous page
Appearance
Sensing method
Slot width
Slot depth
Output configuration
Weight
Part number
Close-mounting
Transmissive
5mm
9mm
Light-ON/Dark-ON*
Approx.
2.3 g
EE-SX673A
EE-SX673R
Close-mounting
Light-ON/Dark-ON
Approx.
3.0 g
EE-SX674A
EE-SX674R
*These models can be used as Light-ON when the L terminal and positive (+) terminal are connected together. To use them as Dark-ON,
do not connect these terminals to each other. Connector EE-1001 can be used for Light-ON operation.
Specifications
 RATINGS
Item
Standard
L-shaped
T-shaped
Close-mounting
NPN output
EE-SX670A
EE-SX671A
EE-SX672A
EE-SX673A
EE-SX674A
PNP output
EE-SX670R
EE-SX671R
EE-SX672R
EE-SX673R
EE-SX674R
Supply voltage
5to24VDC
±10%, ripple (p-p): 10% max.
Current consumption
NPN models: 35 mA max., PNP models: 30 mA max.
Slot width
5mm
Standard reference object
Opaque: 2 x 0.8 mm
Differential distance
0.025 mm
Control output
NPN open collector output models:
At 5 to 24 VDC: 100 mA load current (lc) with a residual voltage of 0.8 V max.
When driving TTL: 40 mA load current (lc) with a residual voltage of 0.4 V max.
PNP open collector output models:
At 5 to 24 VDC: 50 mA load current (lc) with a residual voltage of 1.3 V max.
Output
configuration
Transistor on out-
put stage without
detecting object
OFF (ON if set to Light-ON)
Transistor on out-
put stage with
detecting object
ON (OFF if set to Light-ON)
Indicator*
Without detecting
object
OFF
With detecting
object
ON
Response frequency**
1 kHz max. (3 kHz typ.)
Light source
GaAs infrared LED with a peak wavelength of 940 nm
Receiver
Si photo-transistor with a sensing wavelength of 850 nm max.
Connecting method
EE-1001/1006 Connectors; soldering terminals
*The indicator is GaP red LED (peak emission wavelength: 690 nm).
**The response frequency was measured by detecting the following disks rotating.
Disk
2.1 mm
1mm
t= 0.2mm
1mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com