Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSGLX Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSGLX
Description  GLASS TEMPERATURE SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSGLX Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSGLX Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TSGLXXX-02
02/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
GLASS TEMPERATURE SENSOR
TSGL SERIES
PRODUCT DESCRIPTION
The single point glass temperature sensor utilizes
a precision sensor encapsulated in a 31.75mm L x
9.525mm W x 9.525mm H (1.25” x 0.375” x 0.375”)
aluminum probe. Standard wire length is 1.524m
(5’). All probes are constructed to provide excellent
heat transfer, fast response and are potted to resist
moisture penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location on an exterior window
where the probe can be mounted. On one side
apply epoxy compound and press firmly against
the glass. Hold in place until the epoxy has set.
SENSOR TYPE
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
PVC insulated, parallel bonded
WIRE LENGTH
1.524m (5’)
PROBE MATERIAL
Aluminum
PROBE DIMENSIONS
31.75mm L x 9.525mm W x 9.525mm H (1.25” x 0.375” x 0.375”)
TERMINATION
Pigtail, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
PRODUCT
TSGLX
Glass Temperature Sensor
SENSOR
02X
05X
06X
07X
08X
12X
13X
14X
20X
24X
59X
100 Ω Platinum, IEC 751, 385 Alpha, thin film
1801 Ω NTC Thermistor, ±0.2°C
3000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 3, NTC Thermistor, ±0.2°C
2.252K Ω NTC Thermistor, ±0.2°C
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
1000 Ω Nickel, Class B, DIN 43760
10,000 Ω Type 3, NTC Thermistor, ±0.2°C c/w 11K shunt resistor
20,000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 2, NTC Thermistor, ±0.2°C
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
ORDERING
TSGLX
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
31.75 mm
1.25"
9.525 mm
0.375"
Aluminum Probe
1.524 mm
5’


Similar Part No. - TSGLX

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TSG ATC-TSG Datasheet
348Kb / 1P
Repeat Cycle ON-Time First Solid-State Output
TSG-120-AFC ATC-TSG-120-AFC Datasheet
348Kb / 1P
Repeat Cycle ON-Time First Solid-State Output
TSG-120-ARC ATC-TSG-120-ARC Datasheet
348Kb / 1P
Repeat Cycle ON-Time First Solid-State Output
TSG-24-AFC ATC-TSG-24-AFC Datasheet
348Kb / 1P
Repeat Cycle ON-Time First Solid-State Output
TSG-24-ARC ATC-TSG-24-ARC Datasheet
348Kb / 1P
Repeat Cycle ON-Time First Solid-State Output
More results

Similar Description - TSGLX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
logo
Greystone Energy System...
PS-HATSGL GREYSTONE-PS-HATSGL Datasheet
137Kb / 1P
HIGH ACCURACY GLASS TEMPERATURE SENSOR
PS-TNGL GREYSTONE-PS-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
TNGL GREYSTONE-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com