Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSRC Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # TSRC
Description  ROOM TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSRC Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  TSRC Datasheet HTML 1Page - Greystone Energy Systems Inc. TSRC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TSRCXXX-02
03/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
TSRC
Room Temperature Sensor
SENSOR
2
5
6
7
8
12
13
14
20
24
59
100 Ω Platinum, IEC 751, 385 Alpha, thin film
1801 Ω NTC Thermistor, ±0.2°C
3000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 3, NTC Thermistor, ±0.2°C
2.252K Ω NTC Thermistor, ±0.2°C
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
1000 Ω Nickel, Class B, DIN 43760
10,000 Ω Type 3, NTC Thermistor, ±0.2°C c/w 11K shunt resistor
20,000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 2, NTC Thermistor, ±0.2°C
10,000 Ω @ 25°C, ±1%, B = 3435 ±1% (25/85)
OPTIONS (MULTIPLE SELECTIONS CAN BE MADE)
P
S
C
F
Y
R
G
E
0-10,000 Ω linear slide pot for set point control
Exposed push button momentary switch - N.O.
3 digit LCD temperature indicator °C / °F selectable
Fan speed switch (Auto, Off, Low, Mid, High)
Yellow LED (n/a if C option is selected)
Red LED (n/a if C option selected)
Green LED (n/a if C option selected)
External jack for remote system access (4 pin header)
ORDERING
TSRC
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
WIRING INFORMATION
TERMINAL
FUNCTION
SETPNT
Resistance Output
OCC IN
Digital Input
SWITCH
Digital Output
SENSOR
Resistance Output
LED
Power Input
PWR
Power Input
COM
Common
FAN
Resistance Output
SETPNT +
SETPNT -
OCC IN
SWITCH -
SWITCH +
SENSOR +
SENSOR -
LED +
LED -
PWR
COM
FAN -
FAN +
LCD ADJ
4
3
2
1
1 2 3 4
0001274
Rev.1
BACKLITE
SCALE
OVERRIDE
F
C
ON
OFF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com