Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXDF Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TXDF
Description  FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TXDF Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TXDF Datasheet HTML 1Page - Greystone Energy Systems Inc. TXDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
TXDF SERIES
PRODUCT DESCRIPTION
The flexible, multi-point duct averaging mounted
temperature transmitter is available with a
selection of platinum RTD sensors and a transmitter
that provides a high accuracy signal with excellent
long term stability, low hysteresis and fast response.
They are available with various scaled ranges. The
sensing cable is constructed to provide excellent
heat transfer, fast response time, and is available in
several lengths and quantity of sensing elements.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The flex-duct average probes are installed through
a hole in the side of the duct to monitor an average
temperature within the duct. Select a probe length
that allows for criss-crossing the duct multiple
times. Install the probes in a straight section of
duct at a suitable distance downstream from any
heating, cooling, or humidification devices. The
cable probe needs to be fastened onto hangers
using tube clamps or wire ties and should be
secured every 100 cm or 3’ maximum to prevent
movement of the wire and prevent wear. If
sensor is to be used in high velocity or vibration
environment use of rigid style duct probe is
recommended.
The enclosure provides mounting tabs for ease of
installation.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
WIRE MATERIAL
FT-6 rated plenum cable, 22 AWG
STANDARD LENGTHS
1800, 3600, 6100, 7300 mm
(6’, 12’, 20’ 24’)
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600 mA maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 Vdc or 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
52.0 mm
2.05"
76.2 mm
3.00"
0.5” NPT
Foam Gasket
304 Series S/S Probe
Various Probe Lengths
See Ordering Chart
FT-6 Plenum Rated Cable
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION


Similar Part No. - TXDF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXD0A PANASONIC-TXD0A Datasheet
400Kb / 30P
8-bit Single-chip Microcontroller
TXD0B PANASONIC-TXD0B Datasheet
400Kb / 30P
8-bit Single-chip Microcontroller
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
433.92/868.35 MHz Hybrid Transmitter
logo
C&D Technologies
TXD1005KASLPLNH CANDD-TXD1005KASLPLNH Datasheet
161Kb / 4P
1000 WATT AC/DC POWER SUPPLY
TXD1005LASLPLNH CANDD-TXD1005LASLPLNH Datasheet
161Kb / 4P
1000 WATT AC/DC POWER SUPPLY
More results

Similar Description - TXDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATXDC GREYSTONE-PS-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-HATXDF GREYSTONE-PS-HATXDF Datasheet
437Kb / 2P
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-HATXDR GREYSTONE-PS-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-TNDF GREYSTONE-PS-TNDF Datasheet
452Kb / 2P
FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TDDC GREYSTONE-TDDC Datasheet
200Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TDDF GREYSTONE-TDDF Datasheet
204Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TDDR GREYSTONE-TDDR Datasheet
212Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TNDF GREYSTONE-TNDF Datasheet
452Kb / 2P
FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TXDC GREYSTONE-TXDC Datasheet
383Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
TXDR GREYSTONE-TXDR Datasheet
288Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com