Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS100 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS100
Description  Surface Mount Digital Position Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS100 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS100 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS100 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS100 Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solid State Sensors
SS100 Series
Surface Mount Digital Position Sensors
10
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
Quad Hall design virtually eliminates
mechanical stress effects
Temperature compensated
magnetics
Bipolar, unipolar, latching magnetics
Super high sensitivity available
Symmetry of operate/release points
about zero gauss (bipolar/latching)
Operating temperature range of –40
to 125°C
Low current consumption (7 mA
typical @ 5 V, 25°C)
3.8 to 30 VDC supply voltage range
High output current capability of
50 mA absolute maximum
The temperature compensated Hall effect
sensor consists of a quad Hall sensing
element in a square integrated circuit
chip, which is then encapsulated in a
glass-filled thermoset molding material.
The small SOT89 style package surface
mounts on PC boards and flexible
circuits.
The integrated circuit is thermally bal-
anced for predictable performance over
the full temperature range of –40 to
125°C. Built-in temperature compensa-
tion has a negative slope (operate and
release points decrease as temperature
increases). This slope is optimized to
match the negative temperature coeffi-
cient of low cost magnets, to track their
performance over temperature. Bipolar,
unipolar and latching magnetics are
available.
Band gap regulation provides extremely
stable operation over the full supply volt-
age range of 3.8 to 30 VDC. Current con-
sumption is a low 10 mA maximum.
SS100 sensors are capable of continuous
20 mA sinking output, and can withstand
temporary current as high as 50 mA abso-
lute maximum. They can use existing
power supply sources in most applica-
tions, and can be directly interfaced with
many electronic components without buf-
fering or compensation circuitry. SS100
Series sensors are available on tape and
reel for high-volume, automated pick and
place equipment. Each reel contains
1,000 sensors.
NOTE: DO NOT wave solder this prod-
uct. This process may negatively affect
sensor performance and reliability, and
will void MICRO SWITCH’s warranty.
MICRO SWITCH recommends a convec-
tion infrared reflow process with peak
temperatures not to exceed 220°C
(428°F) for 10 seconds maximum.
ORDER GUIDE
Catalog Listing
SS111A
SS113A
SS141A
SS143A
SS149A
SS161A
SS166A
Magnetic Type
Bipolar
Bipolar
Unipolar
Unipolar
Unipolar
Latching
Latching
Supply Voltage (VDC)
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
Supply Current (max.)
10 mA
10 mA
10 mA
10 mA
10 mA
10 mA
10 mA
Output Type
Sink
Sink
Sink
Sink
Sink
Sink
Sink
Output Voltage (max.)
.40 V
.40 V
.40 V
.40 V
.40 V
.40 V
.40 V
Output Current (max.)
20 mA
20 mA
20 mA
20 mA
20 mA
20 mA
20 mA
Leakage Current (max.)
10 µA
10 µA
10 µA
10 µA
10 µA
10 µA
10 µA
Output Switching Time
Rise (10-90%) (max.)
1.5 µs
1.5 µs
1.5 µs
1.5 µs
1.5 µs
1.5 µs
1.5 µs
Fall (90-10%) (max.)
1.5 µs
1.5 µs
1.5 µs
1.5 µs
1.5 µs
1.5 µs
1.5 µs
Magnetic Characteristics*
G
mT
G
mT
G
mT
G
mT
G
mT
G
mT
G
mT
–40°C
Max. Op.
70
7.0
140
14.0 135
13.5
215
21.5
440
44.0
110
11.0
200
20.0
Min. Rel.
–70
–7.0
–140 –14.0
20
2.0
80
8.0
210
21.0
–110 –11.0 –200 –20.0
Min. Dif.
15
1.5
20
2.0
15
1.5
25
2.5
30
3.0
50
5.0
200
20.0
0°C
Max. Op.
65
6.5
140
14.0 117
11.7
190
19.0
400
40.0
90
9.0
185
18.5
Min. Rel.
–65
–6.5
–140 –14.0
20
2.0
80
8.0
230
23.0
– 90 – 9.0 –185 –18.5
Min. Dif.
15
1.5
20
2.0
18
1.8
25
2.5
30
3.0
50
5.0
200
20.0
25°C
Max. Op.
60
6.0
140
14.0 115
11.5
180
18.0
390
39.0
85
8.5 180
18.0
Min. Rel.
–60
–6.0
–140 –14.0
20
2.0
75
7.5
235
23.5
– 85 – 8.5 –180 –18.0
Min. Dif.
15
1.5
20
2.0
20
2.0
25
2.5
30
3.0
50
5.0
200
20.0
85°C
Max. Op.
60
6.0
140
14.0 120
12.0
180
18.0
400
40.0
85
8.5
180
18.0
Min. Rel.
–60
–6.0
–140 –14.0
15
1.5
70
7.0
215
21.5
– 85 – 8.5 –180 –18.0
Min. Dif.
12
1.2
20
2.0
15
1.5
15
1.5
30
3.0
50
5.0
190
19.0
125°C
Max. Op.
65
6.5
140
14.0 123
12.3
190
19.0
410
41.0
100
10.0
180
18.0
Min. Rel.
–65
–6.5
–140 –14.0
15
1.5
60
6.0
200
20.0
–100 –10.0 –180 –18.0
Min. Dif.
12
1.2
20
2.0
8
0.8
10
1.0
30
3.0
50
5.0
160
16.0
*G = Gauss
mT = milliTesla.
PDFINFO
p a g e - 0 1 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com