Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4FC2012F-121 Datasheet(PDF) 5 Page - Transko Electronics, Inc.

Part # T4FC2012F-121
Description  Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

T4FC2012F-121 Datasheet(HTML) 5 Page - Transko Electronics, Inc.

  T4FC2012F-121 Datasheet HTML 1Page - Transko Electronics, Inc. T4FC2012F-121 Datasheet HTML 2Page - Transko Electronics, Inc. T4FC2012F-121 Datasheet HTML 3Page - Transko Electronics, Inc. T4FC2012F-121 Datasheet HTML 4Page - Transko Electronics, Inc. T4FC2012F-121 Datasheet HTML 5Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T4FC2012F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05
-
09
-
2018
REEL DIMENSIONS (2000 pcs per reel)
mm
A
180
B
60
C
13 +0.5 / -0.2
D
14.4
E
8.4
4.0 ±0.1mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com