Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC258 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC258 Datasheet HTML 1Page - Renesas Technology Corp UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R03DS0145EJ0100 Rev.1.00
Page 1 of 9
2019.06.13
Datasheet
μPC258, 4558
Low Noise Dual Operational Amplifier
DESCRIPTION
The μPC258 and 4558 are dual operational amplifier with a built-in phase compensation circuit, feature high
speed, wide band and low noise.
Therefore, applications such as active filters, audio amplifiers and VCOs can be realized with a simple circuit
configuration.
Depending on the operating ambient temperature, µPC258 is suitable for communication application while
µPC4558 is suitable for general-purpose usage.
In addition, special arrangement products with sorted DC items are available.
Along with this series of lineup, the quad type op-amp µPC458 and 4741 with same circuit configuration are
also available.
FEATURES
 Input Offset Voltage
±0.5 mV (TYP.)
 Input Offset Current
±5 nA (TYP.)
 Input Bias Current
60 nA (TYP.)
 Slew Rate
1.0 V/µs (TYP.)
 Input Equivalent Noise Voltage (RIAA)
1.0 µVr.m.s. (TYP.)
 Built-In Phase Compensation Circuit
 Built-In Output Short Circuit Protection
 Standard Dual Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Ordering Name
Sorting Content
Package
μPC258G2-A
General product
8-pin plastic SOP ( 5.72 mm ( 225 mil))
μPC258G2(5)-A
DC item sorted product
8-pin plastic SOP ( 5.72 mm ( 225 mil))
μPC4558G2-A
General product
8-pin plastic SOP ( 5.72 mm ( 225 mil))
μPC4558G2 (5)-A
DC item sorted product
8-pin plastic SOP ( 5.72 mm ( 225 mil))
R03DS0145EJ0100
Rev.1.00
2019.06.13


Similar Part No. - UPC258

ManufacturerPart #DatasheetDescription
logo
NEC
UPC258 NEC-UPC258 Datasheet
101Kb / 16P
Bipolar Analog Integrated Circuit
logo
Renesas Technology Corp
UPC258 RENESAS-UPC258 Datasheet
706Kb / 9P
Low Noise Dual Operational Amplifiers
Rev.2.00 Feb.27.25
UPC2581 RENESAS-UPC2581 Datasheet
100Kb / 1P
NEC RECIEVER UPC2581 / 15 PIN
UPC2581V RENESAS-UPC2581V Datasheet
100Kb / 1P
NEC RECIEVER UPC2581 / 15 PIN
logo
NEC
UPC258C NEC-UPC258C Datasheet
101Kb / 16P
Bipolar Analog Integrated Circuit
More results

Similar Description - UPC258

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com