Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCC097P Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC097P
Description  Field-Attachable Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC097P Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC097P Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Field-Attachable Connectors
BCC S435-0000-1A-000-41X575-000
Order Code: BCC097P
Internet
www.balluff.com
eCl@ss 9.1: 27-44-01-02
Subject to change without notice: 186811
ETIM 6.0: EC002062
BCC097P_0.64_2022-08-01
1 / 1
Basic features
Approval/Conformity
CE
Ecolab
EAC
WEEE
Electrical connection
Cable diameter D
4...6 mm
Connection
M12x1-Female, Straight, 5-pin, A-
coded
Number of connectable contacts
5
System
Can be fabricated
Electrical data
Operating voltage Ub
125 VDC / 125 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Ambient temperature
-40...85 °C
IP rating
IP67
Material
Material contact carrier
PA
Material contacts
Brass
Material cover nut
1.4404 stainless steel
Material grip
PA
Mechanical data
Connection cross-section
0.14...0.75 mm²
Tightening torque pigtail
0.6 Nm
Type of wire mounting
Screw terminals
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1-4 usable


Similar Part No. - BCC097P

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC097K BALLUFF-BCC097K Datasheet
104Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC097L BALLUFF-BCC097L Datasheet
97Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC097M BALLUFF-BCC097M Datasheet
96Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC097N BALLUFF-BCC097N Datasheet
96Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC097R BALLUFF-BCC097R Datasheet
96Kb / 1P
Field-Attachable Connectors
2022-07-16
More results

Similar Description - BCC097P

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
871A-TS4-DM ALLEN-BRADLEY-871A-TS4-DM Datasheet
42Kb / 1P
Field Attachable Connectors
logo
Balluff Korea Ltd.
BCC0HAH BALLUFF-BCC0HAH Datasheet
97Kb / 1P
Field-Attachable Connectors
0.66_2022-07-14
BCC0HLP BALLUFF-BCC0HLP Datasheet
91Kb / 1P
Field-Attachable Connectors
0.68_2022-07-13
BCC0LCT BALLUFF-BCC0LCT Datasheet
105Kb / 1P
Field-Attachable Connectors
0.42_2022-07-15
BCC06ZC BALLUFF-BCC06ZC Datasheet
103Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC06ZF BALLUFF-BCC06ZF Datasheet
131Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC06ZJ BALLUFF-BCC06ZJ Datasheet
98Kb / 1P
Field-Attachable Connectors
2022-08-01
BCC06ZK BALLUFF-BCC06ZK Datasheet
95Kb / 1P
Field-Attachable Connectors
2022-07-15
BCC06ZM BALLUFF-BCC06ZM Datasheet
102Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC02H9 BALLUFF-BCC02H9 Datasheet
92Kb / 2P
Field-Attachable Connectors
2022-07-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com