Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC29M33AT Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPC29M33AT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC29M33AT Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPC29M33AT Datasheet HTML 8Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 9Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 10Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 11Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 12Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 13Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 14Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 15Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet G15368EJ4V0DS
12
μPC29M33A, 29M05A
RECOMMENDED SOLDERING CONDITIONS
The
μ PC29M33A, 29M05A should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Surface Mount Device
μ PC29MxxAT Series: SC-63 (MP-3Z)
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 235
°C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 3 times or less.
IR35-00-3
Vapor Phase Soldering
Peak temperature: 215
°C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 3 times or less.
VP15-00-3
Partial Heating Method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (Per each side of the device).
P350
μ PC29MxxAT-AZ Series
Note1, μPC29MxxAT-AY Series Note2: SC-63 (MP-3Z)
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 260
°C or below (Package surface temperature),
Reflow time: 60 seconds or less (at 220
°C or higher),
Maximum number of reflow processes: 3 times or less.
IR60-00-3
Partial Heating Method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (Per each side of the device).
P350
Notes 1. Pb-free (This product does not contain Pb in the external electrode.)
2. Pb-free (This product does not contain Pb in the external electrode, Sn100% plating.)
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
Remark Flux: Rosin-based flux with low chlorine content (chlorine 0.2 Wt% or below) is recommended.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com