Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC339C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC339C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC339C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC339C Datasheet HTML 1Page - Renesas Technology Corp UPC339C Datasheet HTML 2Page - Renesas Technology Corp UPC339C Datasheet HTML 3Page - Renesas Technology Corp UPC339C Datasheet HTML 4Page - Renesas Technology Corp UPC339C Datasheet HTML 5Page - Renesas Technology Corp UPC339C Datasheet HTML 6Page - Renesas Technology Corp UPC339C Datasheet HTML 7Page - Renesas Technology Corp UPC339C Datasheet HTML 8Page - Renesas Technology Corp UPC339C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET
1997
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC339
LOW POWER QUAD COMPARATOR
DESCRIPTION
The
µPC339 is a quad comparator which is designed
to operate from a single power supply over a wide range
of voltage. Operation from split power supplies, is also
possible and the power supply current drain is very low.
Further advantage, the input common-mode voltage in-
cludes ground, even though operated from a single power
supply voltage.
Document No. G11764EJ4V0DS00 (4th edition)
Date Published March 2004 N CP(K)
Printed in Japan
FEATURES
•
Common-mode input voltage range includes V–
•
Wide supply voltage range
2 V to 32 V (Single)
±1 V to ±16 V (Split)
•
Low supply current
•
Open collector output
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
The mark
shows major revised points.
ORDERING INFORAMTION
Part Number
Package
µPC339C
14-pin plastic DIP (7.62 mm (300))
µPC339G2
14-pin plastic SOP (5.72 mm (225))
µPC339G2(5)
14-pin plastic SOP (5.72 mm (225))
100 A
100 A
µ
µ
µ
V+
V–
OUT
Q8
Q7
Q6
Q5
Q2
Q1
Q3
Q4
IN
II
+
–
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT3
OUT4
V–
IN4
II4
IN3
II3
OUT2
OUT1
V+
II1
IN1
II2
IN2
14
23
– +
– +
– +
– +
PC339C, 339G2
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com