Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC451A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC451A
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451A Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC451A Datasheet HTML 1Page - Renesas Technology Corp UPC451A Datasheet HTML 2Page - Renesas Technology Corp UPC451A Datasheet HTML 3Page - Renesas Technology Corp UPC451A Datasheet HTML 4Page - Renesas Technology Corp UPC451A Datasheet HTML 5Page - Renesas Technology Corp UPC451A Datasheet HTML 6Page - Renesas Technology Corp UPC451A Datasheet HTML 7Page - Renesas Technology Corp UPC451A Datasheet HTML 8Page - Renesas Technology Corp UPC451A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R03DS0143EJ0100 Rev.1.00
Page 1 of 10
2019.1.17
Datasheet
μPC451A
Single Power Supply Quad Operational Amplifiers
DESCRIPTION
μPC451A is a dual operational amplifier designed for single power supply operation. Main features include
low-voltage operation, a common-mode input voltage that range from V− (GND) level, an output from a V−
(GND) level that is determined by the output stage utilizing class C push-pull circuit with 50 μA(TYP.) constant
current, and low current consumption.
In addition, this amplifier supports both positive and negative power supply and can be used in various amplifier
circuits.
μPC1251A which is a dual type with the same circuit configuration is also available under this series of
operational amplifiers.
FEATURES
 AEC-Q100 Compliance
 Input Offset Voltage
±2 mV (TYP.)
 Input Offset Current
±5 nA (TYP.)
 Large Signal Voltage Gain
100000 (TYP.)
 Internal Frequency Compensation
 Output Short-Circuit Protection
PRODUCT LINEUP
Package
Standard SOP
TSSOP
Part Name
μPC451AG2
μPC451AGR
Outline Comparison
Unit : mm
Unit : mm
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version. Not all products and/or types are available in every country. Please check
with Renesas Electronics sales representative for availability and additional information.
10.2
6.5
5.15
6.4
4.4
R03DS0143EJ0100
Rev.1.00
2019.1.17


Similar Part No. - UPC451A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451 RENESAS-UPC451 Datasheet
597Kb / 11P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Mar.3.25
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
INDUSTRIAL LINEAR ICS
logo
Renesas Technology Corp
UPC451G2-A RENESAS-UPC451G2-A Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451G2-AP RENESAS-UPC451G2-AP Datasheet
597Kb / 11P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Mar.3.25
More results

Similar Description - UPC451A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
logo
Renesas Technology Corp
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com