Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTR2103 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTR2103
Description  HALF-BRIDGE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTR2103 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTR2103 Datasheet HTML 1Page - Unisonic Technologies UTR2103 Datasheet HTML 2Page - Unisonic Technologies UTR2103 Datasheet HTML 3Page - Unisonic Technologies UTR2103 Datasheet HTML 4Page - Unisonic Technologies UTR2103 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTR2103
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R105-081.d
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
High-Side Floating Absolute Voltage
VB
-0.3 ~ 625
V
High-Side Floating Supply Offset Voltage
VS
VB-25 ~ VB+0.3
V
High-Side Floating Output Voltage
VHO
VS-0.3 ~ VS+0.3
V
Low-Side and logic Fixed Supply Voltage
VCC
-0.3 ~ 25
V
Low-Side Output Voltage
VLO
-0.3 ~ VCC+0.3
V
Logic Input Voltage (HIN &LIN)
VIN
-0.3 ~ VCC+0.3
V
Allowable Offset Supply Voltage Transient
dVs/dt
50
V
Power Dissipation
DIP-8
PD
1
W
SOP-8
625
W
Maximum Junction Temperature
TJ
+150
°C
Maximum Storage Temperature Range
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
High-Side Floating Absolute Voltage
VB
VS+10 ~ VS+20
V
High-Side Floating Supply Offset Voltage
VS
600 (Note)
V
High-Side Floating Output Voltage
VHO
VS ~ VB
V
Low-Side and logic Fixed Supply Voltage
VCC
10 ~ 20
V
Low-Side Output Voltage
VLO
0 ~ VCC
V
Logic Input Voltage (HIN &LIN)
VIN
0 ~ VCC
V
Ambient Temperature
TA
-40 ~ +125
°C
Note: Logic operational for VS of -5V to +600V. Logic state held for VS of -5V to -VBS..
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-8
θJA
125
°C/W
SOP-8
200
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com