Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74CBTLV3251L-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74CBTLV3251L-P16-R
Description  LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBTLV3251L-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74CBTLV3251L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CBTLV3251L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CBTLV3251L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CBTLV3251L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CBTLV3251L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CBTLV3251L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CBTLV3251L-P16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74CBTLV3251
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-D66.b
SWITCHING CHARACTERISTICS
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN TYP MAX MIN TYP MAX
Propagation Delay From
Input (A or B) (Note) to
Output (B or A)
tpd
(tPLH/tPHL)
VCC=2.5V±0.2V
0.15
0.3
ns
VCC=3.3V±0.3V
0.25
0.5
ns
Propagation Delay From
Input (S) to Output (A)
VCC=2.5V±0.2V
1
6.1
8.1
ns
VCC=3.3V±0.3V
1
5.3
7.3
ns
Propagation Delay From
Input (S) to Output (B)
ten
(tPZL/tPZH)
VCC=2.5V±0.2V
1
5.4
7.4
ns
VCC=3.3V±0.3V
1
4.8
6.8
ns
Propagation Delay From
Input ( OE ) to Output (A or
B)
VCC=2.5V±0.2V
1
5.2
7.2
ns
VCC=3.3V±0.3V
1
4.5
6.5
ns
Propagation Delay From
Input (S) to Output (B)
tdis
(tPLZ/tPHZ)
VCC=2.5V±0.2V
1
4.8
6.8
ns
VCC=3.3V±0.3V
1
4.5
6.5
ns
Propagation Delay From
Input ( OE ) to Output (A or
B)
VCC=2.5V±0.2V
1
6.7
8.2
ns
VCC=3.3V±0.3V
1
7.2
8.8
ns
Note: The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and
the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
OPERATING CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Control input
Capacitance
Control
Inputs
CI
VO=3V or 0
3
pF
I/O Capacitance
(OFF)
A Port
CIO(OFF)
VO=3V or 0, OE =VCC
40.5
pF
B Port
6
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com