Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US72 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # US72
Description  Single Coil Fan Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

US72 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  US72 Datasheet HTML 1Page - List of Unclassifed Manufacturers US72 Datasheet HTML 2Page - List of Unclassifed Manufacturers US72 Datasheet HTML 3Page - List of Unclassifed Manufacturers US72 Datasheet HTML 4Page - List of Unclassifed Manufacturers US72 Datasheet HTML 5Page - List of Unclassifed Manufacturers US72 Datasheet HTML 6Page - List of Unclassifed Manufacturers US72 Datasheet HTML 7Page - List of Unclassifed Manufacturers US72 Datasheet HTML 8Page - List of Unclassifed Manufacturers US72 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
US72/73
Single Coil Fan Driver
3901090261
Page 5 of 9
Data Sheet
Rev. 002
May/04
7. Performance Graphs
Rdson (NMOS + PMOS)
vs.
Vdd, Temperature
0
2
4
6
8
10
-40
0
40
80
120
Junction Tem perature (C)
4 V
5 V
12 V
30 V
US72 / 73
Rdson (NMOS + PMOS)
vs.
Vdd, Temperature
0
2
4
6
8
10
4
8
12
16
20
24
28
Vdd Voltage (V)
25
125
US72 / 73
Bop, Brp
vs.
Temperature
-5
-3
-1
1
3
5
-40
0
40
80
120
Junction Temperature (C)
US72 / 73
Bop
Brp
Bop, Brp
vs.
Vdd Voltage
-5
-3
-1
1
3
5
0
10
20
30
Vdd (Volts)
US72 / 73
Bop
Brp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com