Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUY06CS23K-01 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BUY06CS23K-01
Description  60V Radiation Hard power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUY06CS23K-01 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BUY06CS23K-01 Datasheet HTML 2Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 3Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 4Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 5Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 6Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 7Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 8Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 9Page - Infineon Technologies AG BUY06CS23K-01 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Datasheet
7 of 10
Issue 5, May 2021
60V Radiation Hard power MOSFET
BUY06CS23K-01(ES)
Electrical characteristics diagrams
5
Electrical characteristics diagrams
Diagram 1: Safe operating area
Diagram 2: Max. transient thermal impedance
ID = f(VDS); TC = 25°C; D=0; parameter: tp
ZthJC = f(tp); parameter: D = tp/T
Diagram 3: Typ. output characteristics
Diagram 4: Typ. output characteristics
ID= f(VDS); Tj= 25 °C; parameter: VGS
ID= f(VDS); Tj= 150 °C; parameter: VG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com