Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPDQ60R025CFD7 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPDQ60R025CFD7
Description  600V CoolMOSª CFD7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPDQ60R025CFD7 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPDQ60R025CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 9Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 10Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 11Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 12Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 13Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
600VCoolMOSªCFD7PowerTransistor
IPDQ60R025CFD7
Rev.2.0,2022-11-21
Final Data Sheet
6PackageOutlines
MILLIMETERS
1.14
D
N
H
E1
e
E
D1
1.20
15.30
A
DIMENSIONS
b
c
A2
A1
MIN.
2.20
0.89
0.00
1.40
15.50
MAX.
2.35
0.15
1.10
L
1
SCALE
Z8B00184650
REVISION
ISSUE DATE
EUROPEAN PROJECTION
02
16.01.2018
0
5mm
DOCUMENT NO.
5:1
2
3
4
10.23
20.86
14.90
11.91
22
0.46
0.50
12.11
10.43
15.10
21.06
0.70
0.58
Figure1OutlinePG-HDSOP-22,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com