Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8010LPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8010LPBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8010LPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF8010LPBF Datasheet HTML 1Page - International Rectifier IRF8010LPBF Datasheet HTML 2Page - International Rectifier IRF8010LPBF Datasheet HTML 3Page - International Rectifier IRF8010LPBF Datasheet HTML 4Page - International Rectifier IRF8010LPBF Datasheet HTML 5Page - International Rectifier IRF8010LPBF Datasheet HTML 6Page - International Rectifier IRF8010LPBF Datasheet HTML 7Page - International Rectifier IRF8010LPBF Datasheet HTML 8Page - International Rectifier IRF8010LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF8010S/LPbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12
15
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
82
–––
–––
V
Qg
Total Gate Charge
–––
81
120
Qgs
Gate-to-Source Charge
–––
22
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
26
–––
td(on)
Turn-On Delay Time
–––
15
–––
tr
Rise Time
–––
130
–––
td(off)
Turn-Off Delay Time
–––
61
–––
ns
tf
Fall Time
–––
120
–––
Ciss
Input Capacitance
–––
3830
–––
Coss
Output Capacitance
–––
480
–––
Crss
Reverse Transfer Capacitance
–––
59
–––
pF
Coss
Output Capacitance
–––
3830
–––
Coss
Output Capacitance
–––
280
–––
Coss eff.
Effective Output Capacitance
–––
530
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
di
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
80
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
320
(Body Diode)
Ùi
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
99
150
ns
Qrr
Reverse RecoveryCharge
–––
460
700
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 20V
VGS = -20V
Max.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V
e
VGS = 10V
f
VDD = 50V
ID = 80A
RG = 39Ω
TJ = 25°C, IS = 80A, VGS = 0V f
TJ = 150°C, IF = 80A, VDD = 50V
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 45A
f
VDS = VGS, ID = 250µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
Conditions
26
VGS = 10V
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
310
45
Conditions
VDS = 25V, ID = 45A
ID = 80A
VDS = 80V
Typ.
–––
–––
–––



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com