Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA8274F Datasheet(PDF) 7 Page - Rohm

Part # BA8274F
Description  I2C bus line buffer IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8274F Datasheet(HTML) 7 Page - Rohm

  BA8274F Datasheet HTML 1Page - Rohm BA8274F Datasheet HTML 2Page - Rohm BA8274F Datasheet HTML 3Page - Rohm BA8274F Datasheet HTML 4Page - Rohm BA8274F Datasheet HTML 5Page - Rohm BA8274F Datasheet HTML 6Page - Rohm BA8274F Datasheet HTML 7Page - Rohm BA8274F Datasheet HTML 8Page - Rohm BA8274F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BA8274 / F
Audio ICs
7/8
Note): R1, R2 and R3 are calculated from the capacitive loading and a 1
µsec time constant on each bus node. For an
addition to an existing system, R2 (the new value for R2) is shown as being calculated from the parallel
combination of R2 and the scaled value of R3; while for a permanent system R2, and scaled values of R1 and
R3 have been used. Note that this example has used scaled resistor values and combined the node and cable
capacitances.
Check for maximum pull-up current:
= 17.6mA < 30mA
(5
−0.4)V
260
Ω
Operation notes
1. About operation voltage supply range
Within operation voltage supply range, basic circuit function operation is guaranteed within operation ambient temp.
But please confirm set up of constant and element, voltage set up and temp set up on use.
2. About operation temp range
If it within recommended operation voltage range, circuit function operation is guaranteed within operation temp.
It corralled to conditions of power dissipation to temp.
Please watch out except condition stipulated by electrical characteristics within the range, it cannot guarantee standard
value of electrical characteristics. But it retains original function.
3. SX, SY, I
2C BUS, SDA or SCL
Because the two buffer circuits in the BA8274/F are identical either input pin can be used as the I
2C BUS SDA data
line,
or the SCL clock line.
4. LX, LY, Buffered bus, LDA or LCL
On the buffered low impedance line side, the corresponding output becomes LDA and LCL.
Electrical characteristic curves
0.05
0.1
0.15
0.2
0.3
0.4
0.25
0.35
0
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
S PIN VOLTAGE
VSX, VSY : (V)
Fig.5 S pin voltage-drive current ILX, ILY



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com