Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPCS4 Datasheet(PDF) 13 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 9Page - Altera Corporation EPCS4 Datasheet HTML 10Page - Altera Corporation EPCS4 Datasheet HTML 11Page - Altera Corporation EPCS4 Datasheet HTML 12Page - Altera Corporation EPCS4 Datasheet HTML 13Page - Altera Corporation EPCS4 Datasheet HTML 14Page - Altera Corporation EPCS4 Datasheet HTML 15Page - Altera Corporation EPCS4 Datasheet HTML 16Page - Altera Corporation EPCS4 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Altera Corporation
Core Version a.b.c variable
4–13
July 2004
Configuration Handbook, Volume 2
Serial Configuration Devices (EPCS1, EPCS4, EPCS16 & EPCS64) Data Sheet
Read Status Operation
The read status operation code is
b'0000 0101, with the MSB listed first.
You can use the read status operation to read the status register.
Figures 4–7 and 4–8 show the status bits in the status register of both
serial configuration devices.
Figure 4–7. EPCS4 Status Register Status Bits
Figure 4–8. EPCS1 Status Register Status Bits
Setting the write in progress bit to 1 indicates that the serial configuration
device is busy with a write or erase cycle. Resetting the write in progress
bit to 0 means no write or erase cycle is in progress.
Resetting the write enable latch bit to
0 indicates that no write or erase
cycle will be accepted. Set the write enable latch bit to
1 before every write
bytes, write status, erase bulk, and erase sector operation.
The non-volatile block protect bits determine the area of the memory
protected from being written or erased unintentionally. Tables 4–9 and
4–10 show the protected area in both serial configuration devices with
reference to the block protect bits. The erase bulk operation is only
Bit 7
Bit 0
Block Protect Bits [2..0]
Write In
Progress Bit
Write Enable
Latch Bit
BP2
BP1
BP0
WEL
WIP
Bit 7
Bit 0
Block Protect
Bits [1..0]
Write In
Progress Bit
Write Enable
Latch Bit
BP1
BP0
WEL
WIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com