Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 10Page - Linear Technology LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology LTC4100 Datasheet HTML 13Page - Linear Technology LTC4100 Datasheet HTML 14Page - Linear Technology LTC4100 Datasheet HTML 15Page - Linear Technology LTC4100 Datasheet HTML 16Page - Linear Technology LTC4100 Datasheet HTML 17Page - Linear Technology LTC4100 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4100
14
sn4100 4100is
OPERATIO
3. The host may control charging by disabling the Smart
Battery’s ability to transmit ChargingCurrent() and
ChargingVoltage() request functions and broadcasting
the charging commands to the LTC4100 over the SMBus.
4. The LTC4100 will still respond to Smart Battery critical
warning messages without host intervention.
Wake-up Charging Mode
The following conditions must be met in order to allow
wake-up charging of the battery:
1. The SafetySignal must be RES_COLD, RES_IDEAL, or
RES_UR.
2. AC must be present. This is qualified by DCDIV > VACP.
Wake-up charging initiates when a newly inserted battery
does not send ChargingCurrent() and ChargingVoltage()
functions to the LTC4100.
The following conditions will terminate the Wake-up Charg-
ing Mode.
1. A TTIMEOUT period is reached when the SafetySignal is
RES_COLD or RES_UR.
2. The SafetySignal is registering RES_OR.
3. The successful writing of the ChargingCurrent() AND
ChargingVoltage() function. The LTC4100 will proceed to
the controlled charging mode after these two functions are
written.
4. The SafetySignal is registering RES_HOT.
5. The AC power is no longer present. (DCDIV < VACP)
6. The ALARM_INHIBITED becomes set in the
ChargerStatus() function.
7. The INHIBIT_CHARGE is set in the ChargerMode()
function.
8. The CHGEN pin is pulled low by an external device. The
LTC4100 will resume wake-up charging, if the CHGEN pin
is released by the external device. Toggling the CHGEN pin
will not reset the TTIMEOUT timer.
9. There is insufficient DCIN voltage to charge the battery.
The LTC4100 will resume wake-up charging when there is
sufficient DCIN voltage to charge the battery. This condi-
tion will not reset the TTIMEOUT timer.
Controlled Charging Algorithm Overview
The following conditions must be met in order to allow
controlled charging to start on the LTC4100:
1. The ChargingVoltage() AND ChargingCurrent() func-
tion must be written to non-zero values.
2. The SafetySignal must be RES_COLD, RES_IDEAL, or
RES_UR.
3. AC must be present. This is qualified by DCDIV > VACP.
The following conditions will stop the Controlled Charging
Algorithm and will cause the Battery Charger Controller to
stop charging:
1. The ChargingCurrent() AND ChargingVoltage() func-
tions have not been written for TTIMEOUT.
2. The SafetySignal is registering RES_OR.
3. The SafetySignal is registering RES_HOT.
4. The AC power is no longer present. (DCDIV < VACP)
5. ALARM_INHIBITED is set in the ChargerStatus() func-
tion.
6. INHIBIT_CHARGE is set in the ChargerMode() function.
Clearing INHIBIT_CHARGE will cause the LTC4100 to
resume charging using the previous ChargingVoltage()
AND ChargingCurrent() function values.
7. RESET_TO_ZERO is set in the ChargerMode() function.
8. CHGEN pin is pulled low by an external device. The
LTC4100 will resume charging using the previous
ChargingVoltage() AND ChargingCurrent() function val-
ues, if the CHGEN pin is released by the external device.
9. Insufficient DCIN voltage to charge the battery. The
LTC4100 will resume charging using the previous
ChargingVoltage() AND ChargingCurrent() function val-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com