Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100EG Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4100EG
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EG Datasheet(HTML) 5 Page - Linear Technology

  LTC4100EG Datasheet HTML 1Page - Linear Technology LTC4100EG Datasheet HTML 2Page - Linear Technology LTC4100EG Datasheet HTML 3Page - Linear Technology LTC4100EG Datasheet HTML 4Page - Linear Technology LTC4100EG Datasheet HTML 5Page - Linear Technology LTC4100EG Datasheet HTML 6Page - Linear Technology LTC4100EG Datasheet HTML 7Page - Linear Technology LTC4100EG Datasheet HTML 8Page - Linear Technology LTC4100EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4100
5
sn4100 4100is
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VDD = 3.3V, VBAT = 12V unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: See Test Circuit.
Note 3: Does not include tolerance of current sense resistor.
Note 4: The LTC4100E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 5: Current accuracy dependent upon circuit compensation and sense
resistor.
Note 6: CTH is defined as the sum of capacitance on THA, THB and
SafetySignal.
Note 7: The corresponding overrange bit will be set when a HEX value
greater than or equal to this value is used.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charging Voltage Limit
RVLIM = 0
8.730
8.800
8.870
V
Charging Voltage = 0x2260 (Note 7)
RVLIM = 10k ±1%
12.999
13.104
13.209
V
Charging Voltage = 0x3330 (Note 7)
RVLIM = 33k ±1%
17.269
17.408
17.547
V
Charging Voltage = 0x4400 (Note 7)
RVLIM = 100k ±1%
21.538
21.712
21.886
V
Charging Voltage = 0x5400 DCIN
≥ 22V (Note 7)
RVLIM = 0pen (or Short to VDD)
27.781
28.006
28.231
V
Charging Voltage = 0x6D60 DCIN
≥ 29V (Note 7)
Logic Levels
VIL
SCL/SDA Input Low Voltage
q
0.8
V
VIH
SCL/SDA Input High Voltage
q
2.1
V
VOL
SDA Output Low Voltage
IPULL-UP = 350µA
q
0.4
V
IIL
SCL/SDA Input Current
VSDA, VSCL = VIL
–1
1
µA
IIH
SCL/SDA Input Current
VSDA, VSCL = VIH
–1
1
µA
VOL
SMBALERT Output Low Voltage
IPULL-UP = 500µA
q
0.5
V
SMBALERT Output Pull-Up Current
VSMBALERT = VOL
–17.5
–10
–3.5
µA
VOL
CHGEN Output Low Voltage
IOL = 100µA
q
0.4
V
CHGEN Output Pull-Up Current
VCHGEN = VOL
–17.5
–10
–3.5
µA
VIL
CHGEN Input Low Voltage
q
0.9
V
V
VIH
CHGEN Input High Voltage
VDD = 3V
q
2.5
V
VDD = 5.5V
3.9
V
Power-On Reset Duration
VDD Ramp from 0V to >3V in <5µs
100
µs
SMBus Timing (Refer to System Management Bus Specification, Revision 1.1, Section 2.1 for Timing Diagrams)
tHIGH
SCL Serial Clock High Period
IPULL-UP = 350µA, CLOAD = 250pF, RPU = 9.31k
q
4
µs
tLOW
SCL Serial Clock Low Period
IPULL-UP = 350µA, CLOAD = 250pF, RPU = 9.31k
q
4.7
15000
µs
tR
SDA/SCL Rise Time
CLOAD = 250pF, RPU = 9.31k
q
1000
ns
tF
SDA/SCL Fall Time
CLOAD = 250pF, RPU = 9.31k
q
300
ns
tSU:STA
Start Condition Setup Time
q
4.7
µs
tHD:STA
StartCondition Hold Time
q
4
µs
tHD:DAT
SDA to SCL Falling-Edge Hold Time,
q
300
ns
Slave Clocking in Data
tTIMEOUT
Time Between Receiving Valid
q
140
175
210
sec
ChargingCurrent() and
ChargingVoltage() Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com