Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G66DP Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC2G66DP
Description  Dual single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G66DP Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC2G66DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC2G66DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Nexperia
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
DUT
mnb011
2RL
2RL
2RL
2RL
nZ/nY
nY/nZ
CL
oscilloscope
VCC
nE
VCC
VCC
GND
GND
a. Circuit
mnb012
V(p- p)
b. Crosstalk voltage
Adjust the switch input voltage for a 0 dBm level (0 dBm = 1 mW into 600 Ω)
Fig. 17. Test circuit for measuring crosstalk voltage (between the digital input and the switch)
001aai846
VIH
VCC
1Z or 1Y
1Y or 1Z
CHANNEL
ON
1E
fi
2RL
RL
0.1 µF
CL
V
VIL
VCC
VCC
2Z or 2Y
2Y or 2Z
CHANNEL
OFF
2E
2RL
2RL
2RL
2RL
2RL
CL
V
VO1
VO2
Adjust the switch input voltage for a 0 dBm level (0 dBm = 1 mW into 600 Ω)
Fig. 18. Test circuit for measuring crosstalk (between the switches)
74HC_HCT2G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 11 — 6 November 2018
13 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com