Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1470 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC1470
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1470 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC1470 Datasheet HTML 1Page - Renesas Technology Corp UPC1470 Datasheet HTML 2Page - Renesas Technology Corp UPC1470 Datasheet HTML 3Page - Renesas Technology Corp UPC1470 Datasheet HTML 4Page - Renesas Technology Corp UPC1470 Datasheet HTML 5Page - Renesas Technology Corp UPC1470 Datasheet HTML 6Page - Renesas Technology Corp UPC1470 Datasheet HTML 7Page - Renesas Technology Corp UPC1470 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
µPC1470
2
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Supply Voltage
VCC
18
V
Circuit Current
I4
2*
A
Package Dissipation
PD
1.2
W
Operating Temperature
TA
–20 to +75
˚C
Storage Temperature
Tstg
–40 to +150
˚C
RECOMMENDED OPERATING CONDITION
Supply Voltage Range
VCC
3.5 to 16
V
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C, VCC = 12 V)
Characteristic
Symbol
MIN.
TYP.
MAX.
UNIT
Test Conditions*
Reference Voltage
Vref
1.10
1.27
1.40
V
I4 = 10 mA
Fig. 1
Quiescent Current
Id
0.5
0.8
1.2
mA
RM = 180
Ω
Fig. 4
Reflection Coefficient
k
18
20
22
RM1 = 44
Ω, RM2 = 33 Ω
Fig. 2
Saturation Voltage
V4 (sat)
1.5
2.0
V
VCC = 4.2 V, RM = 4.4
Ω
Fig. 3
Line Regulation
∆
∆
V
V
V
ref
ref
CC
/
0.06
%/V
I4 = 100 mA, VCC = 6.3 to 16 V
Fig. 1
∆
∆
k
k
VCC
/
0.4
%/V
I4 = 100 mA, VCC = 6.3 to 16 V
Fig. 2
Load Regulation
∆
∆
V
V
I
ref
ref
/
4
–0.02
%/mA
I4 = 30 to 200 mA
Fig. 1
∆
∆
k
k
I
/
4
–0.02
%/mA
I4 = 30 to 200 mA
Fig. 2
Temperature Coefficient
∆
∆
V
V
T
ref
ref
A
/
0.01
%/˚C
I4 = 100 mA, TA = –20 to +75 ˚C
Fig. 1
∆
∆
k
k
TA
/
0.01
%/˚C
I4 = 100 mA, TA = –20 to +75 ˚C
Fig. 2
*
Pulse Test: PW
≤ 10 ms, Duty Cycle ≤ 2 %
TEST CIRCUIT
Fig. 1
Fig. 2
1
2
3
4
Vref
390
Ω
RM
I4
VCC
IC
V
1
2
3
4
RM1
390
Ω
I4
VCC
IC
1
A1
A2
RM2
I2
2
SW
I4 (SW 2 ) – I4 (SW 1 )
I2 (SW 2 ) – I2 (SW 1 )
K =
V
V
V
V
V
V
I
V
V
T
ref
ref
ref
CC
ref
ref
ref
ref
A
,
∆
∆
∆
∆
∆
∆
,
4
k
k
k
V
k
k
I
k
k
T
CC
A
,
∆
∆
∆
∆
∆
∆
,
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com