Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1663G-E1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC1663G-E1
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1663G-E1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC1663G-E1 Datasheet HTML 1Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 2Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 3Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 4Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 5Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 6Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 7Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 8Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet G11024EJ6V0DS00
2
µµµµPC1663
CONNECTION DIAGRAM
PIN EXPLANATIONS
Pin
No.
Pin
Name
In Dual
Bias
(V)
In Single
Bias
(V)
Functions and Applications
Internal Equivalent Circuit
8
1
IN1
IN2
Pin
voltage
0
Apply
voltage
VCC/2
Input pin
5
4
OUT1
OUT2
Pin
voltage
0
Apply
voltage
VCC/2
Output pin
6VCC
+
±2 to ±6.5
–0.3 to +14
Plus voltage supply pin.
This pin should be
connected with bypass
capacitor to minimize AC
impedance.
3VCC
GND
Minus voltage supply pin.
This pin should be
connected with bypass
capacitor to minimize AC
impedance.
7
2
G1A
G1B
Gain adjustment pin.
External resistor from 0 to
10 k
Ω can be inserted
between pin 2 and 7 to
determine gain value.
(G2A)(G2B)
Note
Note
8
1
7
2
6
5
4
3
Internal circuit constants should be referred to
application note.
Note
µPC1664 which had G2A, G2B of the other gain adjustment pins is discontinued.
Pin No.
Pin Name
1IN2
2G1B
3VCC−
4OUT2
5OUT1
6VCC
+
7G1A
8IN1
8
7
6
5
1
(Top View)
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com