Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTPH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MTPH
Description  Wet Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTPH Datasheet(HTML) 2 Page - Vishay Siliconix

  MTPH Datasheet HTML 1Page - Vishay Siliconix MTPH Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For technical questions, contact wettants@vishay.com
www.vishay.com
75
MTPH
Vishay
Document Number: 40060
Revision 02-Sep-03
.
MAX DCL
MAX
MAX
MAX %
°C
CAP
VOLTS
CASE
µA
ESR
Ω
Z
Ω
FROM + 25
°C
(
µF)
DC
SIZE
PART NUMBER
+ 25
°C+ 85°C+ 25°C- 55°C- 55°C
+85
°C
47
6
A
MTPH476*006P1A
2.0
6.0
9.6
85
- 60
+ 15
150
6
B
MTPH157*006P1B
2.0
8.0
3.9
35
- 50
+ 15
180
6
B
MTPH187*006P1B
2.0
8.0
3.4
32
- 50
+ 15
450
6
C
MTPH457*006P1C
2.0
10.0
1.9
25
- 60
+ 15
470
6
C
MTPH477*006P1C
2.0
10.0
1.8
23
- 60
+ 15
33
10
A
MTPH336*010P1A
2.0
6.0
11.3
100
- 40
+ 15
100
10
B
MTPH107*010P1B
2.0
8.0
4.0
46
- 45
+ 15
120
10
B
MTPH127*010P1B
2.0
8.0
3.5
42
- 50
+ 15
300
10
C
MTPH307*010P1C
2.0
10.0
1.8
31
- 60
+ 15
330
10
C
MTPH337*010P1C
2.0
10.0
1.6
31
- 60
+ 15
22
15
A
MTPH226*015P1A
2.0
6.0
12.1
120
- 40
+ 12
68
15
B
MTPH686*015P1B
2.0
8.0
6.2
58
- 45
+ 12
80
15
B
MTPH806*015P1B
2.0
8.0
5.3
50
- 45
+ 12
200
15
C
MTPH207*015P1C
2.0
10.0
2.0
37
- 50
+ 12
220
15
C
MTPH227*015P1C
2.0
10.0
1.8
36
- 50
+ 12
15
20
A
MTPH156*020P1A
2.0
6.0
17.7
150
- 40
+ 11
47
20
B
MTPH476*020P1B
2.0
8.0
6.8
73
- 40
+ 11
60
20
B
MTPH606*020P1B
2.0
8.0
7.1
60
- 45
+ 11
150
20
C
MTPH157*020P1C
2.0
10.0
2.7
38
- 50
+ 11
10
30
A
MTPH106*030P1A
2.0
6.0
21.2
200
- 35
+ 10
45
30
B
MTPH456*030P1B
2.0
8.0
7.1
80
- 35
+ 10
120
30
C
MTPH127*030P1C
2.0
10.0
3.3
42
- 45
+ 10
10
35
A
MTPH106*035P1A
2.0
6.0
21.2
240
- 35
+ 10
100
35
C
MTPH107*035P1C
2.0
10.0
4.0
48
- 45
+ 10
6.8
50
A
MTPH685*050P1A
2.0
6.0
31.2
310
- 30
+ 10
30
50
B
MTPH306*050P1B
2.0
8.0
9.7
120
- 30
+ 10
33
50
B
MTPH336*050P1B
2.0
8.0
8.8
120
- 30
+ 10
68
50
C
MTPH686*050P1C
2.0
10.0
4.3
54
- 40
+ 10
78
50
C
MTPH786*050P1C
2.0
10.0
3.7
52
- 40
+ 10
4.7
60
A
MTPH475*060P1A
2.0
6.0
39.5
400
- 30
+ 9
6.8
60
A
MTPH685*060P1A
2.0
6.0
31.2
367
- 30
+ 9
10
60
B
MTPH106*060P1B
2.0
8.0
23.9
217
- 35
+ 9
15
60
B
MTPH156*060P1B
2.0
8.0
17.7
174
- 35
+ 9
22
60
B
MTPH226*060P1B
2.0
8.0
14.5
140
- 30
+ 9
33
60
C
MTPH336*060P1C
2.0
10.0
7.2
75
- 35
+ 9
47
60
C
MTPH476*060P1C
2.0
10.0
5.6
62
- 40
+ 9
68
60
C
MTPH686*060P1C
2.0
10.0
4.3
51
- 40
+ 9
* Insert appropriate letter code for tolerance: M = ± 20%, K = ± 10%
STANDARD RATINGS
Wet Tantalum Capacitors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com