Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC494 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC494
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC494 Datasheet HTML 4Page - Renesas Technology Corp UPC494 Datasheet HTML 5Page - Renesas Technology Corp UPC494 Datasheet HTML 6Page - Renesas Technology Corp UPC494 Datasheet HTML 7Page - Renesas Technology Corp UPC494 Datasheet HTML 8Page - Renesas Technology Corp UPC494 Datasheet HTML 9Page - Renesas Technology Corp UPC494 Datasheet HTML 10Page - Renesas Technology Corp UPC494 Datasheet HTML 11Page - Renesas Technology Corp UPC494 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet G12649EJ5V0DS00
6
μPC494
(2/2)
Block
Characteristics
Symbol
Conditions
MIN.
TYP.
Note
MAX.
Unit
Collector Cut-off Current
ICER
VCE = 40 V, VCC = 40 V,
Common Emitter
100
μA
Emitter Cut-off Current
VCC = VC = 40 V, VE = 0 V,
Emitter Follower
−100
μA
Common
Emitter
VCE(sat)
IC = 200 mA, VE = 0 V
0.95
1.3
V
Collector Saturation
Voltage
Emitter
Follower
VCE(ON)
IE =
−200 mA, VC = 15 V
1.6
2.5
V
Output Voltage Rise Time
tr1
100
200
ns
Output Voltage Fall Time
Common
Emitter
tf1
VCC = 15 V, RL = 150
Ω,
IC
≅ 100 mA, TA = 25°C,
see Figure 1.
70
200
ns
Output Voltage Rise Time
tr2
100
200
ns
Output
Section
Output Voltage Fall Time
Emitter
Follower
tf2
VC = 15 V, RL = 150
Ω,
IE
≅ 100 mA, TA = 25°C,
see Figure 1.
70
200
ns
Standby Current
ICC(S.B)
VCC = 15 V,
all other pins open.
8
12.5
mA
Total
Device
Bias Current
ICC(BI)
V(Pin 4) = 2 V, see Figure 1.
10
mA
Note The TYP. values are values at TA = 25
°C, except for the characteristics of temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com