Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC824 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC824
Description  Low Noise J-FET Input Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC824 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC824 Datasheet HTML 1Page - Renesas Technology Corp UPC824 Datasheet HTML 2Page - Renesas Technology Corp UPC824 Datasheet HTML 3Page - Renesas Technology Corp UPC824 Datasheet HTML 4Page - Renesas Technology Corp UPC824 Datasheet HTML 5Page - Renesas Technology Corp UPC824 Datasheet HTML 6Page - Renesas Technology Corp UPC824 Datasheet HTML 7Page - Renesas Technology Corp UPC824 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UPC824, 4074
R03DS0152EJ0100 Rev.1.00
Page 2 of 7
2019.11.12
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
PARAMETER
SYMBOL
μPC824G2
μPC4074G2
UNIT
Supply Voltage Note1
V + to V -
-0.3 to +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note2
VI
V - -0.3 to V + +0.3
V
Output Applied Voltage Note3
VO
V - -0.3 to V + +0.3
V
Total Power Dissipation Note4
PT
550
mW
Output Short Circuit Duration Note5
indefinite
s
Operating Ambient Temperature
TA
-40 to +85
-20 to +80
C
Storage Temperature
Tstg
-55 to +125
C
[Note]
1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be applied within the input voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp input voltage must operate within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be applied within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp output voltage must operate within the electrical characteristics range of maximum output voltage.
4. This is the value at TA ≤ +25
C. De-rate value at -5.5 mW/C when TA > 25 C.
5. Please use below the total power dissipation and the de-rating value from Note 4.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Power Supply Voltage
V ±
±5
±16
V
Load Current
IO
±10
mA
Load Capacitance (When AV = +1)
CL
100
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com