Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2602 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2602
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2602 Datasheet HTML 1Page - Semtech Corporation SC2602 Datasheet HTML 2Page - Semtech Corporation SC2602 Datasheet HTML 3Page - Semtech Corporation SC2602 Datasheet HTML 4Page - Semtech Corporation SC2602 Datasheet HTML 5Page - Semtech Corporation SC2602 Datasheet HTML 6Page - Semtech Corporation SC2602 Datasheet HTML 7Page - Semtech Corporation SC2602 Datasheet HTML 8Page - Semtech Corporation SC2602 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2602/SC2602A
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
o
t
L
T
S
B
,
C
C
VV
N
I
)
e
g
r
u
S
V
0
2
(
6
1
o
t
0
.
1
-V
D
N
G
o
t
D
N
G
P
5
.
0
±V
D
N
G
o
t
E
S
A
H
P
)
1
(
)
e
g
r
u
S
V
0
2
(
8
1
o
t
5
.
0
-V
E
S
A
H
P
o
t
H
T
S
B
)
e
g
r
u
S
V
0
2
(
6
1V
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
5
4W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
5
1
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
5
2
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
Unless specified: V
CC = 4.75V to 12.6V; GND = PGND = 0V; FB = VO; VBSTL = 12V; VBSTH-PHASE = 12V; TJ = 25
o
C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
y
l
p
p
u
SC
C
V2
.
46
.
2
1V
t
n
e
r
r
u
C
y
l
p
p
u
SC
C
V
=
N
E6
0
1A
m
n
o
it
a
l
u
g
e
R
e
n
i
LV
5
.
2
=
O
V5
.
0%
r
e
i
f
il
p
m
A
r
o
r
r
E
)
L
O
A
(
n
i
a
G
0
5B
d
s
a
i
B
t
u
p
n
I
58
A
µ
r
o
t
a
ll
i
c
s
O
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O2
0
6
2
C
S0
8
10
0
20
2
2z
H
k
A
2
0
6
2
C
S0
5
40
0
50
5
5
e
l
c
y
C
y
t
u
D
x
a
M
r
o
t
a
ll
i
c
s
O0
95
9%
s
r
e
v
i
r
D
T
E
F
S
O
M
k
n
i
S
/
e
c
r
u
o
S
H
D,
V
5
.
4
=
H
D
-
H
T
S
B
V
2
=
E
S
A
H
P
-
H
D
1A
k
n
i
S
/
e
c
r
u
o
S
L
D.
V
5
.
4
=
L
D
-
L
T
S
B
V
2
=
.
D
N
G
P
-
L
D
1A
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Note: (1) -1.5V to 20V for 25ns repetitive every cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com