Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC161 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC161
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC161 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC161 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
74HC161
Presettable synchronous 4-bit binary counter; asynchronous
reset
Rev. 5 — 16 March 2021
Product data sheet
1. General description
The 74HC161 is a synchronous presettable binary counter with an internal look-head carry.
Synchronous operation is provided by having all flip-flops clocked simultaneously on the positive-
going edge of the clock (CP). The outputs (Q0 to Q3) of the counters may be preset HIGH or LOW.
A LOW at the parallel enable input (PE) disables the counting action and causes the data at the
data inputs (D0 to D3) to be loaded into the counter on the positive-going edge of the clock. Preset
takes place regardless of the levels at count enable inputs (CEP and CET). A LOW at the master
reset input (MR) sets Q0 to Q3 LOW regardless of the levels at input pins CP, PE, CET and CEP
(thus providing an asynchronous clear function). The look-ahead carry simplifies serial cascading
of the counters. Both CEP and CET must be HIGH to count. The CET input is fed forward to enable
the terminal count output (TC). The TC output thus enabled will produce a HIGH output pulse of a
duration approximately equal to a HIGH output of Q0. This pulse can be used to enable the next
cascaded stage. The maximum clock frequency for the cascaded counters is determined by the CP
to TC propagation delay and CEP to CP set-up time, according to the following formula:
Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• CMOS input levels
• Synchronous counting and loading
• 2 count enable inputs for n-bit cascading
• Asynchronous reset
• Positive-edge triggered clock
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C


Similar Part No. - 74HC161

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
logo
NXP Semiconductors
74HC161D PHILIPS-74HC161D Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
logo
Nexperia B.V. All right...
74HC161D-Q100 NEXPERIA-74HC161D-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
logo
NXP Semiconductors
74HC161DB PHILIPS-74HC161DB Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
More results

Similar Description - 74HC161

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com