Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCT-48K460-R Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCT-48K460-R
Description  Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-48K460-R Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button CCT-48K460-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-48K460-R Datasheet HTML 10Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CCT-48K/CT-48K Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2019 TELEDYNE COAX SWITCHES
CCT-48K\CT-48K\042019\Q2
Series CCT-48K/CT-48K
Internal 50Ω Termination DC-40 GHz
Normally Open Multi-Throw Coaxial Switch
TRUTH TABLE Normally Open
CCT-48KX6C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
0
0
0
On
Off
Off
Off
Off
Off
C
0
0
0
0
0
1
0
0
Off
On
Off
Off
Off
Off
0
C
0
0
0
0
0
1
0
Off
Off
On
Off
Off
Off
0
0
C
0
0
0
1
1
0
Off
Off
Off
On
Off
Off
0
0
0
C
0
0
0
0
1
Off
Off
Off
Off
On
Off
0
0
0
0
C
0
1
0
1
Off
Off
Off
Off
Off
On
0
0
0
0
0
C
1
1
1
Off
Off
Off
Off
Off
Off
0
0
0
0
0
0
TRUTH TABLE Normally Open
CCT-48KX5C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
J1
J2
J3
J4
J5
E
F
G
H
K
0
0
0
On
Off
Off
Off
Off
C
0
0
0
0
1
0
0
Off
On
Off
Off
Off
0
C
0
0
0
0
1
0
Off
Off
On
Off
Off
0
0
C
0
0
1
1
0
Off
Off
Off
On
Off
0
0
0
C
0
0
0
1
Off
Off
Off
Off
On
0
0
0
0
C
1
1
1
Off
Off
Off
Off
Off
0
0
0
0
0
TRUTH TABLE Normally Open
CCT-48KX5C-T
Logic Input
RF Path
Indicator Switches
1
2
3
4
5
J1
J2
J3
J4
J5
E
F
G
H
K
1
0
0
0
0
On
Off
Off
Off
Off
C
0
0
0
0
0
1
0
0
0
Off
On
Off
Off
Off
0
C
0
0
0
0
0
1
0
0
Off
Off
On
Off
Off
0
0
C
0
0
0
0
0
1
0
Off
Off
Off
On
Off
0
0
0
C
0
0
0
0
0
1
Off
Off
Off
Off
On
0
0
0
0
C
TRUTH TABLE Normally Open
CCT-48KX6C-T
Logic Input
RF Path
Indicator Switches
1
2
3
4
5
6
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
1
0
0
0
0
0
On
Off
Off
Off
Off
Off
C
0
0
0
0
0
0
1
0
0
0
0
Off
On
Off
Off
Off
Off
0
C
0
0
0
0
0
0
1
0
0
0
Off
Off
On
Off
Off
Off
0
0
C
0
0
0
0
0
0
1
0
0
Off
Off
Off
On
Off
Off
0
0
0
C
0
0
0
0
0
0
1
0
Off
Off
Off
Off
On
Off
0
0
0
0
C
0
0
0
0
0
0
1
Off
Off
Off
Off
Off
On
0
0
0
0
0
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com