Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE4440C Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SLE4440C
Description  ICs for Chip Cards / Intelligent 256/64/128-Byte EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLE4440C Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SLE4440C Datasheet HTML 1Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 2Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 3Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 4Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 5Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 6Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 7Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 8Page - Siemens Semiconductor Group SLE4440C Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SLE 4432
SLE 4442
SLE 4440
SLE 4441
Semiconductor Group
3
Data Sheet Extension 09.98
Intelligent 256-Byte EEPROM with Write Protect Function
SLE 4432
Intelligent 256-Byte EEPROM with Write Protect Function
SLE 4442
and Programmable Security Code (PSC)
Features
• 256 x 8-bit EEPROM organization
• Byte-wise addressing
• Irreversible byte-wise protection of lowest 32 addresses
(Byte 0...31)
• 32 x 1-bit organization of protection memory
• Two-wire link protocol
• End of processing indicated at data output
• Ambient temperature T
A -35... +80°C
• Supply voltage 5 V −5 / +10 %
• Supply current < 10 mA
• EEPROM programming time 5 ms
• ESD protection typical 4000 V
• Endurance minimum 105 write/erase cycles / bit1)
•
Data retention for minimum of 10 years1)
•
Contact configuration and Answer-to-Reset (synchronous transmission) in accordance
to ISO standard 7816
Additional Feature of SLE 4442
• Data can only be changed after entry of the correct 3-byte programmable security code
Type
Ordering Code Package
SLE 4432 M3
on request
Wire-Bonded Module M3
SLE 4432 C
on request
Chip
SLE 4442 M3
on request
Wire-Bonded Module M3
SLE 4442 C
on request
Chip
1) Values are temperature dependent, for further information please refer to your Siemens Sales Office.
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com