Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS100 Datasheet(PDF) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MFS100
Description  OPTICAL FINGERPRINT SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MFS100 Datasheet(HTML) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MFS100 Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFS100 Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• Lowest FAR and FRR
• Support Aadhar Auth API Specification V2.0
• Device Securely Sign The Biometric Data
• UIDAI Certified RD Service & PID block Encrypted with in RD Service
• Plug and play USB 2.0 high speed interface supports multiple devices handling
• 500 dpi optical fingerprint sensor scratch free sensor surface
• Supports Windows 7,8,10, Windows Vista, Windows 2000,Windows Server 2003/2007/2008,
Linux, Windows ME, Windows 98 SE SDK, Libraries and Drivers support across all above
Platforms. (32 Bit and 64Bit) Easy Integration on to production servers and application support
Optical Fingerprint Sensor
MFS100
FEATURES
SPECIFICATIONS
• Fingerprint Sensor Optical (scratch free sensor surface)
• Resolution 500 DPI / 256 gray
• Sensing Area 16 x 18 mm
• Operation Temperature 0~50°C
• Standards ANSI-378, ISO19794-2
PRODUCT DIVISION
sales@mantratec.com
Secure storage
Data
Image
End-to-End Authentication System Security
Image Capture
Feature Extraction
Template
Image
101010
101010
101010
Input
Template
=
Saved
Template
101010
101010
101010
101010
101010
101010
Template Matching
• Supports Encryption algorithms AES256, RSA2048
• Supports HASHing algorithms MD5, SHA256
• Physical Unique Device ID
• Interface USB 2.0 High speed/Full speed, Plug & Play
• CE, FCC, RoHS, STQC, IEC60950 Certified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com