Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS500 Datasheet(PDF) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MFS500
Description  Optical Fingerprint Scanner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MFS500 Datasheet(HTML) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MFS500 Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFS500 Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MFS500 is a high-quality fingerprint scanner for accurate fingerprint authentication process.
MFS500 is devised with an optical scratch free sensor for efficient recognition of poor
quality fingerprint. MFS500 can be used for the process of identification, verification and
authentication that captures the fingerprint images in a faster and reliable manner.
www.mantratec.com
MANTRA
At a Glance
Optical Fingerprint Scanner
Model : MFS500 | OEM Module / Sensor : MOPv2.0
Fingerprint Sensor Type
Spatial Resolution
Platen size
Sensing Area
Image Size
Image Grayscale
Light Source
Approx Dimensions (L x W x H)
Approx Weight.
: Optical Scratch-Free Sensor
: 500 DPI +/- 2%
: 16.4 mm x 20.0 mm
: 15 mm x 18 mm
: 296 x 354 Pixels
: 256 (8 - Bit Gray Level)
: RED LED
: 85 x 51 x 54 mm (Module: 61 x 23 x 28.5 mm)
: 0.123 Kg (Module : 0.025 Kg)
: < 2 Sec
: Auto Finger detection functionality
& Auto capture with built-in
quality check (incorporates NIST quality considerations)
Maximum Acquisition Time (Placement to Template)
Capture mode
Parameters
Specification
Sensor Characteristics
Operating Voltage
Operating Current (max)
Stand by Current (max)
Interface
: 5V +/- 5% (USB Powered Device)
: <= 85 mA
: <= 40 mA
: USB 2.0
Parameters
Specification
Electrical Characteristics
Operating Temperature
Storage Temperature
Humidity (Operating / Storage)
: 0 to 50 oC
: 0 to 50 oC
: < 90% RH, Non-condensing
Parameters
Specification
Environmental Characteristics
Biometric Data Interchange Format
Environmental, Health and Safety
BIS
Safety
EMI / EMC Compliance
Image Quality
IP Rating
Device Driver
Operating System
: ISO 19794-2, ISO 19794-4, ANSI 378, WSQ3.1, JPEG2000
: RoHS
: IS 13252 (Part 1)
: EN / IEC 60950
: CE
& FCC Part 15 B class A
: FBI PIV Certification, Mobile-ID FAP10
: IP54
: WHQL Certified with Unique Serial Number
: Windows x86
& x64, Linux, Android
Parameters
Specification
Compliant to Following Standard



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com