Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPRH1207F-331M Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TPRH1207F-331M
Description  Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPRH1207F-331M Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TPRH1207F-331M Datasheet HTML 1Page - Transko Electronics, Inc. TPRH1207F-331M Datasheet HTML 2Page - Transko Electronics, Inc. TPRH1207F-331M Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPRH1207F Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 10
-
02
-
2018
LEAD-FREE HEAT ENDURANCE TEST
LEAD-FREE RECOMMENDED REFLOW
REEL DIMENSIONS (500 pcs per reel)
mm
W1
24.00±0.3
I
1.75±0.1
F
11.50±0.1
P0
4.00±0.1
G
2.00±0.1
P1
16.00±0.1
C
12.55±0.1
t0
0.40±0.05
D
12.55±0.1
H
8.3±0.1
mm
W
330±1.5
D
21.5+0.5/-0
C
13+0.5/-0.2
T1
24.5+0.5/-0
N
100±1.5
T2
29.5±0.4
E
2.00±0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com