Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8560 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 108Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
105
Device Nomenclature
19 Device Nomenclature
Ordering information for the parts fully covered by this specification document is provided in Section 19.1, “Part
Numbers Fully Addressed by this Document.”
19.1 Part Numbers Fully Addressed by this Document
Table 49 provides the Freescale part numbering nomenclature for the MPC8560. Note that the individual part
numbers correspond to a maximum processor core frequency. For available frequencies, contact your local Freescale
sales office. In addition to the processor frequency, the part numbering scheme also includes an application modifier
which may specify special application conditions. Each part number also contains a revision code which refers to
the die mask revision number.
19.2 Part Marking
Parts are marked as the example shown in Figure 55.
Figure 61. Part Marking for FC-PBGA Device
Table 62. Part Numbering Nomenclature
MPC
nnnn
t
pp
ff
c
r
Product
Code
Part
Identifier
Temperature
Range 1
Package 2
Processor
Frequency 3
Platform
Frequency
Revision Level
MPC
8560
Blank = 0 to 105
°C
C= -40 to 105
°C
PX = FC-PBGA AP = 833 MHz
AL = 667 MHz
F = 333 MHz
D = 266 MHz
B = Rev. 2.0
(SVR = 0x80700020)
Notes:
1.For Temperature Range=C, Processor Frequency is limited to 667 MHz with a Platform Frequency of 266 MHz.
2.See Section 14, “Package and Pin Listings” for more information on available package types.
3.Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support
other maximum core frequencies.
MPC85nn
xPXxxxn
MMMMM
ATWLYYWWA
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWWA is the traceability code.
CCCCC
FC-PBGA
MPCnnnntPXffcr
MMMMM
ATWLYYWWA
85xx
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWWA is the traceability code.
CCCCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com