Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC1909
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC1909 Datasheet HTML 9Page - Renesas Technology Corp UPC1909 Datasheet HTML 10Page - Renesas Technology Corp UPC1909 Datasheet HTML 11Page - Renesas Technology Corp UPC1909 Datasheet HTML 12Page - Renesas Technology Corp UPC1909 Datasheet HTML 13Page - Renesas Technology Corp UPC1909 Datasheet HTML 14Page - Renesas Technology Corp UPC1909 Datasheet HTML 15Page - Renesas Technology Corp UPC1909 Datasheet HTML 16Page - Renesas Technology Corp UPC1909 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet G14309EJ2V0DS00
11
µµµµPC1909
3. OPERATION OVERVIEW
3.1 Startup
The operating waveforms at startup are shown in Figure 3-1 below. The operations at startup are as follows.
<1>
When the power supply voltage (VCC) rises and exceeds the starting voltage (VCC(L to H)), the reference voltage
(VREF) rises.
<2>
The DTC1 voltage is boosted as the soft start capacitor is charged (refer to 4.5.3 Soft start).
<3>
Because the DTC1 voltage is at a lower potential than other voltages, OUT1 and OUT2 become low and high
level respectively during the T1 period.
<4>
If the DTC1 voltage is further boosted so that there is a period in which it is higher than the dCT voltage in the
T2 period, OUT2 becomes low level. In the period in which the DTC1 voltage exceeds CT, OUT1 and OUT2 are
high and low level respectively. The duty of OUT1 increases and that of OUT2 decreases as DTC1 is boosted.
Figure 3-1. Waveforms at Startup
VCC
VTH(H)
VTH(L)
OUT1
OUT2
CT
DTC1
DTC2
T1
T2
VREF
dCT
FB
VCC(LtoH)
VH
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com