Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1944J-A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1944J-A
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1944J-A Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1944J-A Datasheet HTML 1Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 2Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 3Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 4Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 5Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 6Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 7Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 8Page - Renesas Technology Corp UPC1944J-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1994, 2000
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC1943,1944
ADJUSTABLE PRECISION SHUNT REGULATORS
DATA SHEET
Document No. G10239EJ4V0DS00 (4th edition)
Date Published November 2006 NS CP (N)
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μPC1943, 1944 are adjustable high precision shunt regulators. The output voltage can be set to any value between
reference voltage (1.26 V) and 24 V by two external resistors.
These ICs can apply to error amplifier of switching regulators.
FEATURES
• Low voltage operation. VREF
≤ VOUT ≤ 24 V
• High accuracy. VREF = 1.26 V
± 2.4%
• Adjustable output voltage by two external resistors.
• Pin compatible with
μPC1093. (μPC1944)
ORDERING INFORMATION
Part Number
Marking
Marking
μ PC1943T
POWER MINI MOLD (SOT-89) (SC-62)
9B
μ PC1943T-AZ
Note1
POWER MINI MOLD (SOT-89) (SC-62)
9B
μ PC1944T
POWER MINI MOLD (SOT-89) (SC-62)
9C
μ PC1944T-AZ
Note1
POWER MINI MOLD (SOT-89) (SC-62)
9C
μ PC1944J
3PIN PLASTIC SIP (TO-92)
1944
μ PC1944J-A
Note2
3PIN PLASTIC SIP (TO-92)
1944
μ PC1944GR
8PIN PLASTIC SOP (5.72 mm (225))
1944
μ PC1944GR-A
Note2
8PIN PLASTIC SOP (5.72 mm (225))
1944
Notes 1. Pb-free (This product does not contain Pb in the external electrode.)
2. Pb-free (This product does not contain Pb in the external electrode and other parts.)
PIN CONFIGURATIONS (Marking Side)
K
K
K: Cathode
NC
NC
NC
A
REF
K
A
A
REF
REF
REF: Reference
NC
A
A: Anode
NC
NC: No Connection
μPC1944J
μPC1944GR
μPC1943T
μPC1944T
1
1
2
2
3
3
45
6
7
8
K
A
A
REF
1
12
3
2
3
BLOCK DIAGRAM
K
A
REF
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com