Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2255H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC2255H
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2255H Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC2255H Datasheet HTML 1Page - Renesas Technology Corp UPC2255H Datasheet HTML 2Page - Renesas Technology Corp UPC2255H Datasheet HTML 3Page - Renesas Technology Corp UPC2255H Datasheet HTML 4Page - Renesas Technology Corp UPC2255H Datasheet HTML 5Page - Renesas Technology Corp UPC2255H Datasheet HTML 6Page - Renesas Technology Corp UPC2255H Datasheet HTML 7Page - Renesas Technology Corp UPC2255H Datasheet HTML 8Page - Renesas Technology Corp UPC2255H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC2250 SERIES
LOW-SATURATED STABILIZED POWER SUPPLY WITH SYSTEM RESET PIN
Document No. G14451EJ2V0DS00 (2nd edition)
Date Published December 1999 N CP(K)
Printed in Japan
DATA SHEET
©
1999
DESCRIPTION
The
µPC2250 series is a collection of low-saturated 4-pin stabilized power supplies with a pin that outputs a reset
signal when a drop in the input voltage is detected.
Because the reverse leakage current of these power supplies is about 1
µA even if a voltage is applied to the
output pin when the input voltage is cut off, these power supplies are ideal for systems with on-board
microprocessors requiring battery backup.
FEATURES
PIN CONFIGURATION (Marking Side)
•
Low minimum voltage difference between input and output
VDIF = 0.15 V TYP. (at IO = 40 mA)
•
Outputs reset signal (active-low) when the input voltage or
output voltage drops.
•
Low reverse leakage current during back up
IOLK = 1
µA TYP.
•
Low circuit operating current under no load
IBIAS = 1.3 mA TYP.
ORDERING INFORMATION
Part Number
Package
Output Voltage
µPC2251H
4-pin plastic SIP (TO-126)
3 V
µPC2253H
4-pin plastic SIP (TO-126)
5 V (TYPE1)
µPC2255H
4-pin plastic SIP (TO-126)
5 V (TYPE2)
BLOCK DIAGRAM
OUTPUT
INPUT
Reference
voltage circuit
Overcurrent
limiter circuit
Reset circuit
Error
amplifier
circuit
GND
RESET
Starter
circuit
4-pin plastic SIP (TO-126)
µPC2251H, 2253H, 2255H
1: INPUT
2: RESET
3: GND
4: OUTPUT
12
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com