| Electronic Components Datasheet Search |
|
UPC2409AHF Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC2409AHF Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 16 page ![]() 8 µPC2400A Series µPC2418A (VIN = 25 V, IO = 500 mA, TJ = 25 ˚C, Unless otherwise specified) PARAMETER SYMBOL MIN. TYP. MAX. UNIT TEST CONDITIONS Output Voltage VO 17.64 18 18.36 V 17.46 18.54 19 V ≤ VIN ≤ 28 V, 5 mA ≤ IO ≤ 500 mA, 0 ˚C ≤ TJ ≤ 125 ˚C 17.46 18.54 5 mA ≤ IO ≤ 1 A, 0 ˚C ≤ TJ ≤ 125 ˚C Line Regulation REGIN 22 180 mV 20 V ≤ VIN ≤ 28 V Load Regulation REGL 11 180 mV 5 mA ≤ IO ≤ 1 A Quiescent Current IBIAS 2.5 3.2 mA IO = 0 10 60 IO = 1 A Start-up Current IBIAS(S) 15 mA VIN = 17.5 V, IO = 0 mA 75 VIN = 17.5 V, IO = 1 A Quiescent Current Change ∆IBIAS 20 mA 20 V ≤ VIN ≤ 28 V, IO = 1 A Output Noise Voltage Vn 350 µVrms 10 Hz ≤ f ≤ 100 kHz Ripple Rejection R·R 49 54 dB f = 120 Hz, 20 V ≤ VIN ≤ 28 V Dropout Voltage VDIF 0.5 1.0 V IO = 1 A, 0 ˚C ≤ TJ ≤ 125 ˚C Short Circuit Current IOshort 0.8 A VIN = 28 V Peak Output Current IOpeak 1.55 2.2 3.0 A Temperature Coefficient of ∆VO/∆T 2.5 mV/˚C IO = 5 mA, 0 ˚C ≤ TJ ≤ 125 ˚C Output Voltage |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |