Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2807HW Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC2807HW
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807HW Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC2807HW Datasheet HTML 2Page - Renesas Technology Corp UPC2807HW Datasheet HTML 3Page - Renesas Technology Corp UPC2807HW Datasheet HTML 4Page - Renesas Technology Corp UPC2807HW Datasheet HTML 5Page - Renesas Technology Corp UPC2807HW Datasheet HTML 6Page - Renesas Technology Corp UPC2807HW Datasheet HTML 7Page - Renesas Technology Corp UPC2807HW Datasheet HTML 8Page - Renesas Technology Corp UPC2807HW Datasheet HTML 9Page - Renesas Technology Corp UPC2807HW Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet G14983EJ5V0DS
4
μPC2918, 2925, 2926
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Rating
Parameter
Symbol
μ PC2918HF, μ PC2925HF,
μ PC2926HF
μ PC2918HB, μ PC2925HB,
μ PC2926HB, μ PC2918T,
μ PC2925T, μ PC2926T
Unit
Input Voltage
VIN
20
V
Internal Power Dissipation (TC = 25
°C)
Note
PT
15
10
W
Operating Ambient Temperature
TA
−30 to +85
°C
Operating Junction Temperature
TJ
−30 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
Thermal Resistance (junction to case)
Rth(J-C)
7
12.5
°C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
65
125
°C/W
Note Internally limited. When the operating junction temperature rises above 150
°C, the internal circuit shuts down
the output voltage.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
+
D2
D1
CIN
COUT
INPUT
OUTPUT
PC2918, 2925, 2926
μ
CIN : 0.1
μ F or higher. Be sure to connect CIN to prevent parasitic oscillation. Set this value according to the length
of the line between the regulator and the INPUT pin. Use of a film capacitor or other capacitor with first-rate
voltage and temperature characteristics is recommended.
If using a laminated ceramic capacitor, it is
necessary to ensure that CIN is 0.1
μ F or higher for the voltage and temperature range to be used.
COUT: 10
μ F or higher. Be sure to connect COUT to prevent oscillation and improve excessive load regulation. Place
CIN and COUT as close as possible to the IC pins (within 1 to 2 cm). Also, use an electrolytic capacitor with low
impedance characteristics if considering use at sub-zero temperatures.
D1 : If the OUTPUT pin has a higher voltage than the INPUT pin, connect a diode.
D2 : If the OUTPUT pin has a lower voltage than the GND pin, connect a Schottky barrier diode.
Caution Make sure that no voltage is applied to the OUTPUT pin from external.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com