Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2807HAW Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC2807HAW
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807HAW Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC2807HAW Datasheet HTML 1Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 2Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 3Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 4Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 5Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 6Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 7Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 8Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet G14983EJ5V0DS
3
μPC2918, 2925, 2926
ORDERING INFORMATION
Part Number
Package
Output Voltage
Marking
μ PC2918HF
Isolated TO-220 (MP-45G)
1.8 V
2918
μ PC2918HB
SC-64 (MP-3)
1.8 V
2918
μ PC2918T
SC-63 (MP-3Z)
1.8 V
2918
μ PC2925HF
Isolated TO-220 (MP-45G)
2.5 V
2925
μ PC2925HB
SC-64 (MP-3)
2.5 V
2925
μ PC2925T
SC-63 (MP-3Z)
2.5 V
2925
μ PC2926HF
Isolated TO-220 (MP-45G)
2.6 V
2926
μ PC2926HB
SC-64 (MP-3)
2.6 V
2926
μ PC2926T
SC-63 (MP-3Z)
2.6 V
2926
Remark Tape-packaged products have the symbol -E1, or -E2 suffixed to the part number. Pb-free products have
the symbol -AZ, or -AY suffixed to the part number. Refer to the following table for details.
Part Number
Note1
Package
Package Type
μ PC29xxHF
Isolated TO-220 (MP-45G)
• Packed in envelop
μ PC29xxHF-AZ
Note2
Isolated TO-220 (MP-45G)
• Packed in envelop
μ PC29xxHB
SC-64 (MP-3)
• Packed in envelop
μ PC29xxHB-AZ
Note2
SC-64 (MP-3)
• Packed in envelop
μ PC29xxHB-AY
Note3
SC-64 (MP-3)
• Packed in envelop
μ PC29xxT-E1
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2000 pcs/reel
μ PC29xxT-E1-AZ
Note2
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2000 pcs/reel
μ PC29xxT-E1-AY
Note3
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2000 pcs/reel
μ PC29xxT-E2
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2000 pcs/reel
μ PC29xxT-E2-AZ
Note2
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2000 pcs/reel
μ PC29xxT-E2-AY
Note3
SC-63 (MP-3Z)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2000 pcs/reel
Notes 1. xx stands for symbols that indicate the output voltage.
2. Pb-free (This product does not contain Pb in the external electrode.)
3. Pb-free (This product does not contain Pb in the external electrode, Sn100% plating.)
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com