Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3221GV Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC3221GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3221GV Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC3221GV Datasheet HTML 9Page - Renesas Technology Corp UPC3221GV Datasheet HTML 10Page - Renesas Technology Corp UPC3221GV Datasheet HTML 11Page - Renesas Technology Corp UPC3221GV Datasheet HTML 12Page - Renesas Technology Corp UPC3221GV Datasheet HTML 13Page - Renesas Technology Corp UPC3221GV Datasheet HTML 14Page - Renesas Technology Corp UPC3221GV Datasheet HTML 15Page - Renesas Technology Corp UPC3221GV Datasheet HTML 16Page - Renesas Technology Corp UPC3221GV Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OUTPUT POWER vs. INPUT POWER
5
0
–5
–10
–15
–20
–25
–30
Input Power Pin (dBm)
f = 45 MHz
VAGC = 3.0 V
VCC = 5.5 V
5.0 V
4.5 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
OUTPUT POWER vs. INPUT POWER
5
0
–5
–10
–15
–20
–25
–30
Input Power Pin (dBm)
f = 45 MHz
VAGC = 1.6 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
VCC = 5.5 V
5.0 V
4.5 V
OUTPUT POWER vs. INPUT POWER
5
0
–5
–10
–15
–20
–25
–30
Input Power Pin (dBm)
f = 45 MHz
VAGC = 0.5 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
4.5 V
VCC = 5.5 V
5.0 V
OUTPUT POWER vs. INPUT POWER
5
0
–5
–10
–15
–20
–25
–30
Input Power Pin (dBm)
VCC = 5.0 V
f = 45 MHz
VAGC = 1.6 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
OUTPUT POWER vs. INPUT POWER
5
0
–5
–10
–15
–20
–25
–30
Input Power Pin (dBm)
VCC = 5.0 V
f = 45 MHz
VAGC = 3.0 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
TA = +85˚C
+25˚C
–40˚C
+25˚C
–40˚C
TA = +85˚C
OUTPUT POWER vs. INPUT POWER
5
0
–5
–10
–15
–20
–25
–30
Input Power Pin (dBm)
VCC = 5.0 V
f = 45 MHz
VAGC = 0.5 V
–80 –70 –60 –50
–40 –30 –20
0
10
–10
–40˚C
TA = +85˚C
+25˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PU10171EJ03V0DS
11
µPC3221GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com