Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TL494
Description  Pulse-Width-Modulation Control Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL494 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  TL494 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Pulse-Width-Modulation Control Circuits
TL494
Switching characteristics, T A = 25
oC
HTC
* All typical values except for temperature coefficient are at T A = 25
oC
Output voltage fall time
40
Output voltage rise time
Emitter-follower configuration
100
UNIT
Output voltage rise time
Common-emitter configuration
100
200
ns
Output voltage fall time
PARAMETER
TEST CONDITIONS
MIN.
TYP*
100
MAX.
25
100
200
150
Mar. 2006-Rev06
1.0 k
5.0 k
20 k 50 k
200
500
1.0
500
1.0 k
10 k
100
500
tosc - R T
TIMING RESISTANCE R
T(Ω)
VCE -
I E
0
100
200
300
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
EMITTER CURRENT IE (mA)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCE(sat) -
I C
0
100
200
300
COLLECTOR CURRENT Ic
()
1.1
10
100
1.0k
10k
100k
1.0M
FREQUENCY f(Hz)
0
10
20
30
40
50
60
70
80
90
100
Vcc=15V
VO=3.0V
RL=2.0㏀
180
160
140
120
100
80
60
40
20
0
0
5.0
10
15
20
25
30
SUPPLY VOLTAGE Vcc (V)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
35
40
ICC
-
V CC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com