Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3316S Datasheet(PDF) 8 Page - International Rectifier

Part # IR3316S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3316S Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3316S Datasheet HTML 3Page - International Rectifier IR3316S Datasheet HTML 4Page - International Rectifier IR3316S Datasheet HTML 5Page - International Rectifier IR3316S Datasheet HTML 6Page - International Rectifier IR3316S Datasheet HTML 7Page - International Rectifier IR3316S Datasheet HTML 8Page - International Rectifier IR3316S Datasheet HTML 9Page - International Rectifier IR3316S Datasheet HTML 10Page - International Rectifier IR3316S Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IR3316S
www.irf.com
8
0
10
20
30
-50
0
50
100
150
60°C/W
35°C/W
Figure 10 – Error (+/- A) Vs I load (A)
Rifb, feedback resistor (
Ω)
10
100
100
1000
10000
Figure 11 – Ids (A) Vs Rifb (
Ω)
0
2
4
6
8
10
12
14
16
18
0
2040
6080
10
With calibration
Spec. Max.
I load, load current (A)
Figure 12 – Max. Iout (A) Vs Tamb. (°C)
Ta
)
mb., ambient temperature (°C
Figure 13 – Max. Iout (A) Vs inductance (µH)
Inductance (µH)
10
100
10
100
1000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com